Electronic Components Datasheet Search
  English  ▼

X  

AFE5803 Datasheet(PDF) 46 Page - Texas Instruments

Part # AFE5803
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5803 Datasheet(HTML) 46 Page - Texas Instruments

Back Button AFE5803 Datasheet HTML 42Page - Texas Instruments AFE5803 Datasheet HTML 43Page - Texas Instruments AFE5803 Datasheet HTML 44Page - Texas Instruments AFE5803 Datasheet HTML 45Page - Texas Instruments AFE5803 Datasheet HTML 46Page - Texas Instruments AFE5803 Datasheet HTML 47Page - Texas Instruments AFE5803 Datasheet HTML 48Page - Texas Instruments AFE5803 Datasheet HTML 49Page - Texas Instruments AFE5803 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
AFE5803
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
www.ti.com
The digital beam-forming algorithm in an ultrasound system relies on gain matching across all receiver channels.
A typical system would have about 12 octal AFEs on the board. In such a case, it is critical to ensure that the
gain is matched, essentially requiring the reference voltages seen by all the AFEs to be the same. Matching
references within the eight channels of a chip is done by using a single internal reference voltage buffer.
Trimming the reference voltages on each chip during production ensures that the reference voltages are
well-matched across different chips. When the external reference mode is used, a solid reference plane on a
printed circuit board can ensure minimal voltage variation across devices. More information on voltage reference
design can be found in the document SLYT339. The dominant gain variation in the AFE5803 comes from the
VCA gain variation. The gain variation contributed by the ADC reference circuit is much smaller than the VCA
gain variation. Hence, in most systems, using the ADC internal reference mode is sufficient to maintain good gain
matching among multiple AFE5803s. In addition, the internal reference circuit without any external components
achieves satisfactory thermal noise and phase noise performance.
POWER MANAGEMENT
Power/Performance Optimization
The AFE5803 has options to adjust power consumption and meet different noise performances. This feature
would be useful for portable systems operated by batteries when low power is more desired. See the electrical
characteristics table as well as the typical characteristic plots.
Power Management Priority
Power management plays a critical role to extend battery life and ensure long operation time. The AFE5803 has
fast and flexible power down/up control which can maximize battery life. The AFE5803 can be powered down/up
through external pins or internal registers. The following table indicates the affected circuit blocks and priorities
when the power management is invoked. The higher priority controls can overwrite the lower priority ones.In the
device, all the power down controls are logically ORed to generate final power down for different blocks. Thus,
the higher priority controls can cover the lower priority ones. The AFE5803 register settings are maintained when
the AFE5803 is in either partial power down mode or complete power down mode.
Table 11. Power Management Priority
Name
Blocks
Priority
Pin
PDN_GLOBAL
All
High
Pin
PDN_VCA
LNA + VCAT+ PGA
Medium
Register
VCA_PARTIAL_PDN
LNA + VCAT+ PGA
Low
Register
VCA_COMPLETE_PDN
LNA + VCAT+ PGA
Medium
Pin
PDN_ADC
ADC
Medium
Register
ADC_PARTIAL_PDN
ADC
Low
Register
ADC_COMPLETE_PDN
ADC
Medium
Register
PDN_VCAT_PGA
VCAT + PGA
Lowest
Register
PDN_LNA
LNA
Lowest
Partial Power-Up/Down Mode
The partial power up/down mode is also called as fast power up/down mode. In this mode, most amplifiers in the
signal path are powered down, while the internal reference circuits remain active as well as the LVDS clock
circuit, i.e. the LVDS circuit still generates its frame and bit clocks.
The partial power down function allows the AFE5803 to be wake up from a low-power state quickly. This
configuration ensures that the external capacitors are discharged slowly; thus a minimum wake-up time is
needed as long as the charges on those capacitors are restored. The VCA wake-up response is typically about 2
μs or 1% of the power down duration whichever is larger. The longest wake-up time depends on the capacitors
connected at INP and INM, as the wake-up time is the time required to recharge the caps to the desired
operating voltages. For 0.1
μF at INP and 15nF at INM can give a wake-up time of 2.5ms. For larger capacitors
this time will be longer. The ADC wake-up time is about 1
μs. Thus the AFE5803 wake-up time is more
dependent on the VCA wake-up time. This also assumes that the ADC clock has been running for at least 50
µs
before normal operating mode resumes. The power-down time is instantaneous, less than 1.0
µs.
46
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com