Electronic Components Datasheet Search
  English  ▼

X  

AFE5803 Datasheet(PDF) 47 Page - Texas Instruments

Part # AFE5803
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5803 Datasheet(HTML) 47 Page - Texas Instruments

Back Button AFE5803 Datasheet HTML 43Page - Texas Instruments AFE5803 Datasheet HTML 44Page - Texas Instruments AFE5803 Datasheet HTML 45Page - Texas Instruments AFE5803 Datasheet HTML 46Page - Texas Instruments AFE5803 Datasheet HTML 47Page - Texas Instruments AFE5803 Datasheet HTML 48Page - Texas Instruments AFE5803 Datasheet HTML 49Page - Texas Instruments AFE5803 Datasheet HTML 50Page - Texas Instruments AFE5803 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 53 page
background image
Buffer
Amp
Rint/Rext
Rint/Rext
CH7/8_BUFFER_OUTM
CH7/8_BUFFER_OUTP
CH7/8_TEST_OUTM
CH7/8_TEST_OUTP
PGA CH7/8P
PGA CH7/8M
5 kW
5 kW
AFE5803
www.ti.com
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
This fast wake-up response is desired for portable ultrasound applications in which the power saving is critical.
The pulse repetition frequency of a ultrasound system could vary from 50KHz to 500Hz, while the imaging depth
(i.e., the active period for a receive path) varies from 10
μs to hundreds of us. The power saving can be pretty
significant when a system
’s PRF is low. In some cases, only the VCA would be powered down while the ADC
keeps running normally to ensure minimal impact to FPGAs.
In the partial power-down mode, the AFE5803 typically dissipates only 26mW/ch, representing an 80% power
reduction compared to the normal operating mode. This mode can be set using either pins (PDN_VCA and
PDN_ADC) or register bits (VCA_PARTIAL_PDN and ADC_PARTIAL_PDN).
Complete Power-Down Mode
To achieve the lowest power dissipation of 0.7 mW/CH, the AFE5803 can be placed into a complete power-down
mode. This mode is controlled through the registers ADC_COMPLETE_PDN, VCA_COMPLETE_PDN or
PDN_GLOBAL pin. In the complete power-down mode, all circuits including reference circuits within the
AFE5803 are powered down; and the capacitors connected to the AFE5803 are discharged. The wake-up time
depends on the time needed to recharge these capacitors. The wake-up time depends on the time that the
AFE5803 spends in shutdown mode. 0.1
μF at INP and 15 nF at INM can give a wake-up time close to 2.5ms.
VCA TEST MODES
The AFE5803 includes multiple test modes to accelerate system development. The ADC test modes have been
discussed in the register description section.
The VCA has a test mode in which the CH7 and CH8 PGA outputs can be brought. By monitoring these PGA
outputs, the functionality of VCA operation can be verified. Some registers are related to this test mode. PGA
Test Mode Enable: Reg59[9]; Buffer Amplifier Power Down Reg59[8]; and Buffer Amplifier Gain Control
Reg54[4:0].
The PGA outputs are connected to the virtual ground pins of the buffer amplifier through 5 k
Ω resistors. The PGA
outputs can be monitored at the buffer amplifier outputs when the buffer amplifer is enabled. Note that the
signals at the buffer amplifier outputs are attenuated due to the 5K
Ω resistors. The attenuation coefficient is
RINT/EXT/5kΩ. See Table 7 for the RINT configuration.
An alternative way is to measure the PGA outputs directly at the CH8_TEST_OUTM/P and CH7_TEST_OUTM/P
when the buffer amplifier is powered down.
Based on the buffer amplifier configuration, the registers can be set in different ways:
Configuration 1:
In this configuration, the test outputs can be monitored at CH7/8_TEST_OUTP/M
Reg59[9]=1 ;Test mode enabled
Reg59[8]=0 ;Buffer amplifier powered down
Configuration 2:
In this configuration, the test outputs can be monitored at CH7/8_BUFFER_OUTP/M
Reg59[9]=1 ;Test mode enabled
Reg59[8]=1 ;Buffer amplifier powered on
Reg54[4:0]=10H; Internal feedback 2K resistor enabled. Different values can be used as well
Figure 77. AFE5803 PGA Test Mode
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com