Electronic Components Datasheet Search
  English  ▼

X  

AFE5803 Datasheet(PDF) 32 Page - Texas Instruments

Part # AFE5803
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE5803 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AFE5803 Datasheet HTML 28Page - Texas Instruments AFE5803 Datasheet HTML 29Page - Texas Instruments AFE5803 Datasheet HTML 30Page - Texas Instruments AFE5803 Datasheet HTML 31Page - Texas Instruments AFE5803 Datasheet HTML 32Page - Texas Instruments AFE5803 Datasheet HTML 33Page - Texas Instruments AFE5803 Datasheet HTML 34Page - Texas Instruments AFE5803 Datasheet HTML 35Page - Texas Instruments AFE5803 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
SPI IN
LNA
0 to -40dB
SPI Logic
LNA IN
PGA
24, 30dB
3
rd LP Filter
10, 15, 20,
30 MHz
AFE5803
(1 of 8 Channels)
14Bit
ADC
LVDS
Reference
Reference
Differential
TGC Vcntl
EXT/INT
REFs
SPI OUT
VCAT
AFE5803
SLOS763A
– JANUARY 2012 – REVISED JANUARY 2012
www.ti.com
THEORY OF OPERATION
AFE5803 OVERVIEW
The AFE5803 is a highly integrated Analog Front-End (AFE) solution specifically designed for ultrasound
systems in which high performance and small size are required. The AFE5803 integrates a complete
time-gain-control (TGC) imaging path. It also enables users to select one of various power/noise combinations to
optimize system performance. The AFE5803 contains eight channels; each channels includes a Low-Noise
Amplifier (LNA), a Voltage Controlled Attenuator (VCAT), a Programmable Gain Amplifier (PGA), a Low-pass
Filter (LPF), and a 14-bit Analog-to-Digital Converter (ADC).
In addition, multiple features in the AFE5803 are suitable for ultrasound applications, such as active termination,
individual channel control, fast power up/down response, programmable clamp voltage control, fast and
consistent overload recovery, etc. Therefore the AFE5803 brings premium image quality to ultra
–portable,
handheld systems all the way up to high-end ultrasound systems. Its simplified function block diagram is listed in
Figure 61.
Figure 61. Functional Block Diagram
LOW-NOISE AMPLIFIER (LNA)
In many high-gain systems, a low noise amplifier is critical to achieve overall performance. Using a new
proprietary architecture, the LNA in the AFE5803 delivers exceptional low-noise performance, while operating on
a low quiescent current compared to CMOS-based architectures with similar noise performance. The LNA
performs single-ended input to differential output voltage conversion. It is configurable for a programmable gain
of 24/18/12dB and its input-referred noise is only 0.63/0.70/0.9nV/
√Hz respectively. Programmable gain settings
result in a flexible linear input range up to 1Vpp, realizing high signal handling capability demanded by new
transducer technologies. Larger input signal can be accepted by the LNA; however, the signal can be distorted
since it exceeds the LNA
’s linear operation region. Combining the low noise and high input range, a wide input
dynamic range is achieved consequently for supporting the high demands from various ultrasound imaging
modes.
The LNA input is internally biased at approximately +2.4 V; the signal source should be ac-coupled to the LNA
input by an adequately-sized capacitor, e.g.
≥0.1 µF. To achieve low DC offset drift, the AFE5803 incorporates a
DC offset correction circuit for each amplifier stage. To improve the overload recovery, an integrator circuit is
used to extract the DC component of the LNA output and then fed back to the LNA
’s complementary input for DC
offset correction. This DC offset correction circuit has a high-pass response and can be treated as a high-pass
filter. The effective corner frequency is determined by the capacitor CBYPASS connected at INM. With larger
capacitors, the corner frequency is lower. For stable operation at the highest HP filer cut-off frequency, a
≥15 nF
capacitor can be selected. This corner frequency scales almost linearly with the value of the CBYPASS. For
example, 15 nF gives a corner frequency of approximately 100 kHz, while 47 nF can give an effective corner
frequency of 33 KHz. The DC offset correction circuit can also be disabled/enabled through register 52[12].
32
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5803



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com