Electronic Components Datasheet Search
  English  ▼

X  

TPS65921 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS65921
Description  TPS65921 Power Management and USB Single Chip
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65921 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65921 Datasheet HTML 1Page - Texas Instruments TPS65921 Datasheet HTML 2Page - Texas Instruments TPS65921 Datasheet HTML 3Page - Texas Instruments TPS65921 Datasheet HTML 4Page - Texas Instruments TPS65921 Datasheet HTML 5Page - Texas Instruments TPS65921 Datasheet HTML 6Page - Texas Instruments TPS65921 Datasheet HTML 7Page - Texas Instruments TPS65921 Datasheet HTML 8Page - Texas Instruments TPS65921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
SWCS048-010
Power control
Control, Data
and Test
logic
VDD2
VDD2_L
VDD2_IN
VDD2_FDBK
VDD2_GND
VIO
VIO_L
VIO_IN
VIO_FDBK
VIO_GND
VRTC
I2C control
CTLI2C_SDA
CTLI2C_SCL
VPLL1
VPLL1OUT
VPLLA3RIN
VDAC
VDAC.OUT
VMMC1
VMMC1OUT
VAUX2
VAUX2_OUT
VAUX12SIN
REFS
I2C Smart-Reflex
SRI2C_SDA
SRI2C_SCL
VINTANA1
VDD1
VDD1_IN
VDD1_FDBK
VDD1_GND
VINTANA2
VINTUSB1P5
VINTUSB1P8
VUSB3P1
VINTDIG
10- bit
ADC
ADCIN0
KPD_R5
Control I/Os
BOOT0
BOOT1
RESPWRON
NRESWARM
PWRON
NSLEEP
INT
SYSEN
REGEN
CLKEN
TESTRESET
USB
CP
CP_IN
CP_CAPP
CP_CAPM
CP_GND
RTC
Clock sys
Xtal
32K
32KCLKOUT
32KXOUT
32KXIN
Clock
slicer
HFCLKIN
HFCLKOUT
DATA0
DATA1
DATA2
DATA3
DATA4
DATA5
DATA6
DATA7
DP
DM
USB
PHY
STP
USB 2.0
OTG
ID
NXT
DIR
UCLK
VBUS
TEST/MUXed I/O’s
KPD_R0
KPD_R1
KPD_R2
KPD_R3
KPD_R4
KPD_R6
KPD_R7
KEY
PAD
AVSS1
AVSS2
AVSS3
AVSS4
IO.1P8
DGND
AGND
VBAT
CLKREQ
MSECURE
VMMC1_IN
VDAC.IN
VDD1_L
TPS65921
SWCS048G – MARCH 2010 – REVISED SEPTEMBER 2014
www.ti.com
1.4
Functional Block Diagram
Figure 1-1 shows the functional block diagram of the device.
Figure 1-1. Functional Block Diagram
2
Device Overview
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TPS65921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com