Electronic Components Datasheet Search
  English  ▼

X  

TPS65921 Datasheet(PDF) 36 Page - Texas Instruments

Part # TPS65921
Description  TPS65921 Power Management and USB Single Chip
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65921 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TPS65921 Datasheet HTML 32Page - Texas Instruments TPS65921 Datasheet HTML 33Page - Texas Instruments TPS65921 Datasheet HTML 34Page - Texas Instruments TPS65921 Datasheet HTML 35Page - Texas Instruments TPS65921 Datasheet HTML 36Page - Texas Instruments TPS65921 Datasheet HTML 37Page - Texas Instruments TPS65921 Datasheet HTML 38Page - Texas Instruments TPS65921 Datasheet HTML 39Page - Texas Instruments TPS65921 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
JTAG.TCK
JTAG.TDI
JTAG.TMS
JTAG.TDO
JL1
JL2
JL2
JL7
JL3
JL4
JL6
JL5
SWCS048-007
TPS65921
SWCS048G – MARCH 2010 – REVISED SEPTEMBER 2014
www.ti.com
4.25 JTAG Interfaces
Table 4-11 and Table 4-12 assume testing over the recommended operating conditions.
Figure 4-7. JTAG Interface Timing
The input timing requirements are given by considering a rising or falling edge of 7 ns.
4.25.1 JTAG Interface Timing Requirements
Table 4-11. JTAG Interface Timing Requirements
NO.
PARAMETER
MIN
MAX
UNIT
Clock
JL1
tc(TCK)
Cycle time, JTAG.TCK period
30
ns
JL2
tw(TCK)
Pulse duration, JTAG.TCK high or
0.48 × P
0.52 × P
ns
low (1)
Read Timing
JL3
tsu(TDIV-TCKH)
Setup time, JTAG.TDI valid before
8
ns
JTAG.TCK high
JL4
th(TDIV-TCKH)
Hold time, JTAG.TDI valid after
5
ns
JTAG.TCK high
JL5
tsu(TMSV-TCKH)
Setup time, JTAG.TMS valid before
8
ns
JTAG.TCK high
JL6
th(TMSV-TCKH)
Hold time, JTAG.TMS valid after
5
ns
JTAG.TCK high
(1)
P = JTAG.TCK clock period
The capacitive load is equivalent to 35 pF.
36
Specifications
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TPS65921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com