Electronic Components Datasheet Search
  English  ▼

X  

TPS65921 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS65921
Description  TPS65921 Power Management and USB Single Chip
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65921 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65921 Datasheet HTML 2Page - Texas Instruments TPS65921 Datasheet HTML 3Page - Texas Instruments TPS65921 Datasheet HTML 4Page - Texas Instruments TPS65921 Datasheet HTML 5Page - Texas Instruments TPS65921 Datasheet HTML 6Page - Texas Instruments TPS65921 Datasheet HTML 7Page - Texas Instruments TPS65921 Datasheet HTML 8Page - Texas Instruments TPS65921 Datasheet HTML 9Page - Texas Instruments TPS65921 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
TPS65921
SWCS048G – MARCH 2010 – REVISED SEPTEMBER 2014
www.ti.com
3.1
Signal Descriptions
Table 3-1. Signal Descriptions
NAME
BALL
SUPPLIES
TYPE
I/O
DESCRIPTION
PU/PD
ADCIN0
F2
Analog
I/O
General-purpose ADC input
NO
ADC conversion
STARTADC
H7
VDDIO/DGND
Digital
I
request/JTAG test data
NO
input
I2C.CNTL.SDA
C4
VDDIO/DGND
Digital
I/O
I2C bidirectional data signal
External PU
I2C bidirectional clock
I2C.CNTL.SCL
B3
VDDIO/DGND
Digital
I/O
External PU
signal
HS I2C bidirectional data
I2C.SR.SDA
D4
VDDIO/DGND
Digital
I/O
External PU
signal
HS I2C bidirectional Clock
I2C.SR.SCL
A3
VDDIO/DGND
Digital
I/O
External PU
signal
Input detects a control
PWRON
D5
VBAT/GND
Digital
I
command to start or stop
External PU
the system.
Enable signal for external
REGEN
G3
Digital
O
PU
LDO
Security and digital rights
MSECURE
G8
VDDIO/DGND
Digital
I
NO
management
Programmable
Power-up sequence
BOOT0
E5
VBAT/GND
Digital
I
PD (default
selection
active)
Programmable
Power-up sequence
BOOT1
F6
VBAT/GND
Digital
I
PD (default
selection
active)
Output control the
NRESPWRON
E7
VDDIO/DGND
Digital
O
NRESPWRON of the
NO
application processor
NRESWARM
H8
VDDIO/DGND
Digital
I
Warm reset signal
PU
ACTIVE-SLEEP state
NSLEEP1
K4
VDDIO/DGND
Digital
I
NO
transition control signal
INT1
A9
VDDIO/DGND
Digital
O
Output line interrupt
NO
SYSEN
B9
VDDIO/DGND
Digital
O
System enable output
NO
CLKEN
F10
VDDIO/DGND
Digital
O
Clock Enable
NO
PD disabled in
32KCLKOUT
G6
VDDIO/DGND
Digital
O
32-kHz clock output
ACTIVE state
32KXOUT
G11
VRTC/REFGND
Analog
I
32-kHz crystal oscillator
NO
32KXIN
H11
VRTC/REFGND
Analog
I
32-kHz crystal oscillator
NO
Sine wave or square wave
HFCLKIN
C8
VDDIO/DGND
Analog
I
NO
input
50% duty cycle square
HFCLKOUT
K8
VDDIO/DGND
Digital
O
NO
wave output
VREF
G10
VREF/REFGND
Analog
O
Bandgap voltage
NO
GND_AGND
K7
AGND
Analog
I/O
Substrate ground
NO
AGND
H10
REFGND
Analog
I/O
Reference ground
NO
DGND
B8
DGND
Power
I/O
Digital ground
NO
Supply for I/O buffers
IO.1P8
A10
Power
I
NO
(VDDIO)
Not used. Must be
BKBAT
G9
VBACKUP/AGND
Power
I
NO
grounded
VDD1.IN
E9, E10, E11
Power
I
VDD1 DC-DC input
NO
A11, B10,
VDD1 DC-DC power
VDD1.GND
Power
I/O
NO
B11
ground
6
Terminal Configuration and Functions
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TPS65921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com