Electronic Components Datasheet Search
  English  ▼

X  

TPS65921 Datasheet(PDF) 66 Page - Texas Instruments

Part # TPS65921
Description  TPS65921 Power Management and USB Single Chip
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65921 Datasheet(HTML) 66 Page - Texas Instruments

Back Button TPS65921 Datasheet HTML 62Page - Texas Instruments TPS65921 Datasheet HTML 63Page - Texas Instruments TPS65921 Datasheet HTML 64Page - Texas Instruments TPS65921 Datasheet HTML 65Page - Texas Instruments TPS65921 Datasheet HTML 66Page - Texas Instruments TPS65921 Datasheet HTML 67Page - Texas Instruments TPS65921 Datasheet HTML 68Page - Texas Instruments TPS65921 Datasheet HTML 69Page - Texas Instruments TPS65921 Datasheet HTML 70Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 66 / 70 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
NanoFree is a trademark of Texas Instruments.
PACKAGE OUTLINE
4225681/A 02/2020
www.ti.com
NFBGA - 1 mm max height
PLASTIC BALL GRID ARRAY
ZBH0120A
A
0.08 C
0.15
C A B
0.05
C
B
SYMM
SYMM
6.1
5.9
6.1
5.9
BALL A1 CORNER
1 MAX
0.25
0.19
SEATING PLANE
C
1
A
B
C
5
TYP
0.5 TYP
0.5 TYP
(0.5) TYP
(0.5) TYP
5
TYP
BALL TYP
2
3 4 5 6 7 8 9 10 11
D
E
F
G
H
J
K
L
120X Ø0.35
0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com