Electronic Components Datasheet Search
  English  ▼

X  

TPS65921 Datasheet(PDF) 26 Page - Texas Instruments

Part # TPS65921
Description  TPS65921 Power Management and USB Single Chip
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65921 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TPS65921 Datasheet HTML 22Page - Texas Instruments TPS65921 Datasheet HTML 23Page - Texas Instruments TPS65921 Datasheet HTML 24Page - Texas Instruments TPS65921 Datasheet HTML 25Page - Texas Instruments TPS65921 Datasheet HTML 26Page - Texas Instruments TPS65921 Datasheet HTML 27Page - Texas Instruments TPS65921 Datasheet HTML 28Page - Texas Instruments TPS65921 Datasheet HTML 29Page - Texas Instruments TPS65921 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
TPS65921
SWCS048G – MARCH 2010 – REVISED SEPTEMBER 2014
www.ti.com
4.21 Hot-Die Detection and Thermal Shutdown
PARAMETER
THRESHOLD (NOMINAL)(1)
Thermal hot-die selection THERM_HDSEL[1:0]
Threshold (nominal)(1)
Rising temp: 120°C
00 (1st hot-die threshold)
Falling temp: 111°C
Rising temp: 130°C
01 (2nd hot-die threshold)
Falling temp: 121°C
Rising temp: 140°C
10 (3rd hot-die threshold)
Falling temp: 131°C
11 (4th hot-die threshold)
Not used
Threshold (nominal)(1) - Rising temp: 150°C
Thermal shutdown enable
Threshold (nominal)(1) - Falling temp: 140°C
(1)
The minimum/maximum range is ±5%
4.22 USB
4.22.1 LS/FS Single-Ended Receivers
PARAMETER
COMMENTS
MIN
TYP
MAX
UNIT
USB Single-Ended Receivers
Skew
SKWVP_VM
Driver outputs unloaded
between VP
–2
0
2
ns
and VM
Single-ended
VSE_HYS
50
mV
hysteresis
High (driven)
VIH
2
V
Low
VIL
0.8
V
Switching
VTH
0.8
2
V
threshold
4.22.2 LS/FS Differential Receiver
PARAMETER
COMMENTS
MIN
TYP
MAX
UNIT
Differential input sensitivity
VDI
Ref. USB2.0
200
mV
Differential common mode
VCM
Ref. USB2.0
0.8
2.5
V
range
4.22.3 LS/FS Transmitter
PARAMETER
COMMENTS
MIN
TYP
MAX
UNIT
Low
VOL
Ref. USB2.0
0
300
mV
High (driven)
VOH
Ref. USB2.0
2.8
3.6
V
Output signal crossover
VCRS
Ref. USB2.0, covered by eye
1.3
2.0
V
voltage
diagram
Rise time
TFR
75
300
ns
Fall time
TFF
Ref. USB2.0, covered by eye
75
300
ns
diagram
Differential rise and fall time
TFRFM
80%
125%
matching
Low-speed data rate
TFDRATE
Ref. USB2.0, covered by eye
1.4775
1.5225
Mbps
diagram
Source jitter total (including
frequency tolerance):
- To next transition
TDJ1
Ref. USB2.0, covered by eye
–25
25
ns
diagram
- For paired transitions
TDJ2
–10
10
26
Specifications
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TPS65921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com