Electronic Components Datasheet Search
  English  ▼

X  

TPS65921 Datasheet(PDF) 41 Page - Texas Instruments

Part # TPS65921
Description  TPS65921 Power Management and USB Single Chip
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65921 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TPS65921 Datasheet HTML 37Page - Texas Instruments TPS65921 Datasheet HTML 38Page - Texas Instruments TPS65921 Datasheet HTML 39Page - Texas Instruments TPS65921 Datasheet HTML 40Page - Texas Instruments TPS65921 Datasheet HTML 41Page - Texas Instruments TPS65921 Datasheet HTML 42Page - Texas Instruments TPS65921 Datasheet HTML 43Page - Texas Instruments TPS65921 Datasheet HTML 44Page - Texas Instruments TPS65921 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
HFCLKIN
SLEEP1
CLKEN
Clock
generator
CLKREQ
Main state-machine
Optional request
configurable by software
only for legacy support
HFCLKOUT
Slicer
Timer
SLICER_OK
Slicer bypass
SWCS048-016
TPS65921
www.ti.com
SWCS048G – MARCH 2010 – REVISED SEPTEMBER 2014
The clock slicer is disabled by default and enabled when the CLKEN pad is high. The slicer transforms the
HFCLKIN clock input signal into a squared clock signal used internally by the TPS65921 device and also
outputs it for external use. The HFCLKIN input signal can be:
•
A sinusoid with peak-to-peak amplitude varying from 0.3 to 1.45 V
•
A square clock signal of amplitude 1.85 V maximum. In the case of a square clock signal, the slicer is
configured in bypass or power-down mode. If a square-wave input clock is provided, it is
recommended to switch the block to bypass mode when possible to avoid loading the clock.
The HFCLKIN input clock frequency must be 19.2, 26, or 38.4 MHz.
Four different modes are programmable by register. By default, the slicer is in high-performance
application mode:
•
Bypass mode (BP): In BP mode, which overrides all the other modes, the input signal is directly
connected to the output through some buffers. The input is a rail-to-rail square wave.
•
Power-down mode (PD): During PD mode, the cell does not consume any current if bypass mode is
not active.
•
Low-power application mode (LP): In LP mode, the input sine wave is converted to a CMOS signal
(square wave) with low power consumption.
•
High-performance application mode (HP): In HP mode, the input sine wave is converted to a CMOS
signal (square wave). It has lower duty cycle degradation and lower input-to-output delay in
comparison to the low-power mode, but it consumes more current. The drive of the squaring inverter is
increased by connecting additional inverters in parallel. Details can be found in the clock slicer
electrical characteristics table.
Figure 5-5 shows the HFCLKIN clock distribution.
Figure 5-5. HFCLKIN Clock Distribution
Copyright © 2010–2014, Texas Instruments Incorporated
Detailed Description
41
Submit Documentation Feedback
Product Folder Links: TPS65921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com