Electronic Components Datasheet Search
  English  ▼

X  

TPS65921 Datasheet(PDF) 43 Page - Texas Instruments

Part # TPS65921
Description  TPS65921 Power Management and USB Single Chip
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65921 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TPS65921 Datasheet HTML 39Page - Texas Instruments TPS65921 Datasheet HTML 40Page - Texas Instruments TPS65921 Datasheet HTML 41Page - Texas Instruments TPS65921 Datasheet HTML 42Page - Texas Instruments TPS65921 Datasheet HTML 43Page - Texas Instruments TPS65921 Datasheet HTML 44Page - Texas Instruments TPS65921 Datasheet HTML 45Page - Texas Instruments TPS65921 Datasheet HTML 46Page - Texas Instruments TPS65921 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
TPS65921
www.ti.com
SWCS048G – MARCH 2010 – REVISED SEPTEMBER 2014
5.5
Power Path
5.5.1
Step-Down Converters
Depending on the system requirements, and also to optimize mean consumption, three operating modes
are allowed for each step-down converter:
•
Off/power-down mode: Output voltage is not maintained, and power consumption is null
•
Active: DC-DC can deliver its nominal output voltage with a full load current capability.
•
Sleep: The nominal output voltage is maintained with low power consumption, but also with a low load-
current capability.
The SMPS operates with three modulation schemes:
•
Light pulse frequency modulation (PFM)
•
Pulse skipping mode (PSM)
•
Continuous pulse-width modulation (PWM)
Each DC-DC converter, all of which have the same electrical characteristics, has an integrated RC
oscillator. The use of these RC oscillators is configurable through register bits, and by default the RC
oscillator of VDD1 is used for all DC-DC converters.
5.5.2
LDO
The VPLL1 programmable LDO regulator is high-PSRR, low-noise, linear regulator used for the host
processor PLL supply.
The VDAC programmable LDO regulator is a high-PSRR, low-noise, linear regulator that powers the host
processor dual-video DAC. It is controllable with registers through I2C and can be powered down.
The VMMC1 LDO regulator is a programmable linear voltage converter that powers the MMC slot. It
includes a discharge resistor and over-current protection (short circuit). This LDO regulator can also be
turned off automatically when the MMC card extraction is detected (through one dedicated GPIO). The
VMMC1 LDO can be powered through an independent supply other than the battery; for example, a
charge pump. In this case, the input from the VMMC1 LDO can possibly be higher than the battery
voltage.
The VAUX2 general-purpose LDO regulator powers the auxiliary devices.
The VRRTC voltage regulator is a programmable, LDO, linear voltage regulator supplying (1.5 V) the
embedded RTC (32.768-kHz oscillator) and dedicated I/Os of the digital host counterpart. The VRRTC
regulator is also the supply voltage of the power-management digital state-machine. The VRRTC regulator
is supplied from the UPR line, switched on by the main battery. The VRRTC output is present as long as a
valid energy source is present. The VRRTC line is supplied by an LDO when VBAT > 2.7 V, and a clamp
circuit when VBAT < 2.7 V.
The VINTDIG LDO regulator supplies the TPS65921 digital blocks.
To supply the TPS65921 analog blocks, there are two LDOs: VINTANA1 (1.5 V) and VINTANA2 (2.75
V/2.5 V). The 2.5-V setting is selected when the battery voltage falls below 3.0 V.
The VUSB3V1 internal LDO regulator powers the USB PHY, charger detection, and OTG of the USB
subchip inside the TPS65921 device.
It can take its power from two possible sources:
•
VBAT.USB (only for high battery voltages)
•
VBUS (only in low-power mode)
See Charge-pump section for more details.
The USB standard requires data lines to be biased with pullups biased from a > 3.0 V supply, USB PHY
cannot directly operate from VBAT.USB for battery voltages lower than 3.3 V.
Copyright © 2010–2014, Texas Instruments Incorporated
Detailed Description
43
Submit Documentation Feedback
Product Folder Links: TPS65921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com