Electronic Components Datasheet Search
  English  ▼

X  

TPS65921 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS65921
Description  TPS65921 Power Management and USB Single Chip
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65921 Datasheet(HTML) 1 Page - Texas Instruments

  TPS65921 Datasheet HTML 1Page - Texas Instruments TPS65921 Datasheet HTML 2Page - Texas Instruments TPS65921 Datasheet HTML 3Page - Texas Instruments TPS65921 Datasheet HTML 4Page - Texas Instruments TPS65921 Datasheet HTML 5Page - Texas Instruments TPS65921 Datasheet HTML 6Page - Texas Instruments TPS65921 Datasheet HTML 7Page - Texas Instruments TPS65921 Datasheet HTML 8Page - Texas Instruments TPS65921 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS65921
SWCS048G – MARCH 2010 – REVISED SEPTEMBER 2014
TPS65921 Power Management and USB Single Chip
1
Device Overview
1.1
Features
1
– 32-kHz Crystal Oscillator
• Three Step-Down Converters:
– Clock Slicer for 26, 19.2, and 38.4 MHz
– Up to 1.2 A of Output Current for VDD1
– HF Clock Output Buffer
•
TPS65921B Supports VDD1 up to 1.2 A
• USB:
•
TPS65921B1 Supports VDD1 up to 1.4 A
– USB HS 2.0 Transceiver
(Necessary for 1-GHz Operation)
– USB 1.3 OTG-Compliant
– SmartReflex™ Dynamic Voltage Management
– 12-Bit ULPI 1.1 Interface
– 3.2-MHz Fixed Frequency Operation
– USB Power Supply (5-V CP for VBUS)
– VIN Range from 2.7 to 4.5 V
• Control
– Typical 30 µA Quiescent per Converter
– High-Speed I2C Interface
• Four General-Purpose Configurable LDOs:
– All Resource Configurable by I2C
– Dynamic Voltage Scaling
• Keypad Interface up to 8 × 8
– 220-mA Maximum Current for One LDO
• 10-Bit A/D Converter
– VIN Range from 2.7 to 4.5 V
• Hot-Die, Thermal Shutdown Protection
– 2 LDOs With Low Noise and High PSRR
• µ*BGA 120 Balls ZQZ
• RTC With Alarm Wake-Up Mechanism
• Clock Management
1.2
Applications
•
Mobile Phones and Smart Phones
•
E-Books
•
MP3 Players
•
OMAP™ and Low-Power DSP Supply
•
Handheld Devices
1.3
Description
The TPS65921 device is a highly integrated power-management circuit (IC) that supports the power and
peripheral requirements of the OMAP application processors. The device contains power management, a
universal serial bus (USB) high-speed (HS) transceiver, an analog-to-digital converter (ADC), a real-time
clock (RTC), a keypad interface, and an embedded power control (EPC). The power portion of the device
contains three buck converters, two controllable by a dedicated SmartReflex class-3 interface, multiple
low-dropout (LDO) regulators, an EPC to manage the power-sequencing requirements of OMAP, and an
RTC module. The USB module provides an HS 2.0 transceiver suitable for direct connection to the OMAP
universal transceiver macrocell interface (UTMI) + low pin interface (ULPI) with an integrated charge pump
(CP).
The device also provides auxiliary modules: ADC, keypad interface, and general-purpose inputs/outputs
(GPIOs) muxed with the JTAG functions. The keypad interface implements a built-in scanning algorithm to
decode hardware-based key presses and to reduce software use, with multiple additional GPIOs that can
be used as interrupts when they are configured as inputs.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
TPS65921ZQZ
ZQZ (120)
6.00 mm × 6.00 mm
(1)
For more information, see Section 7, Mechanical Packaging and Orderable Information.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS65921

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65921 TI1-TPS65921 Datasheet
682Kb / 58P
Power Management and USB Single Chip
TPS65921 TI-TPS65921 Datasheet
737Kb / 66P
TPS65921 Power Management and USB Single Chip
TPS65921B1ZBHR TI-TPS65921B1ZBHR Datasheet
737Kb / 66P
TPS65921 Power Management and USB Single Chip
TPS65921B1ZQZ TI1-TPS65921B1ZQZ Datasheet
682Kb / 58P
Power Management and USB Single Chip
TPS65921B1ZQZR TI1-TPS65921B1ZQZR Datasheet
682Kb / 58P
Power Management and USB Single Chip
More results

Similar Description - TPS65921

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR160 CALMIRCO-CMPWR160 Datasheet
124Kb / 10P
USB peripheral Power Management
logo
Texas Instruments
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
TPS65921 TI1-TPS65921 Datasheet
682Kb / 58P
Power Management and USB Single Chip
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24260 TI1-BQ24260 Datasheet
6Mb / 57P
Power-Path Management and USB-OTG Support
logo
Nanjing Qinheng Microel...
CH5260 WCH-CH5260 Datasheet
139Kb / 3P
USB HIgh-Power Power Management SIngle-Channel Machine
logo
Texas Instruments
TPS65921 TI-TPS65921_V01 Datasheet
737Kb / 66P
TPS65921 Power Management and USB Single Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com