Electronic Components Datasheet Search
  English  ▼

X  

TPS65921 Datasheet(PDF) 56 Page - Texas Instruments

Part # TPS65921
Description  TPS65921 Power Management and USB Single Chip
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65921 Datasheet(HTML) 56 Page - Texas Instruments

Back Button TPS65921 Datasheet HTML 52Page - Texas Instruments TPS65921 Datasheet HTML 53Page - Texas Instruments TPS65921 Datasheet HTML 54Page - Texas Instruments TPS65921 Datasheet HTML 55Page - Texas Instruments TPS65921 Datasheet HTML 56Page - Texas Instruments TPS65921 Datasheet HTML 57Page - Texas Instruments TPS65921 Datasheet HTML 58Page - Texas Instruments TPS65921 Datasheet HTML 59Page - Texas Instruments TPS65921 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
TPS65921
SWCS048G – MARCH 2010 – REVISED SEPTEMBER 2014
www.ti.com
USB charger detection status bit definition:
•
USBVBUS_PRES:
Detect
presence
of
valid
VBUS.
Comparator
output
is
debounced
for
DEBVBUS_TIME (minimum 10 ms) on CKCHG and generates a USB_P signal. USB_P is computed
only if a battery presence is detected.
•
USBCHRG_PRES: Detect presence of USB charger on DP/DM. The feature is enabled through the
USB_DET_EN
signal,
then
USBPHY
performs
checks
on
DP/DM
and
return
status
USB_DET_RESULT:
–
1 : USB 500-mA charger is detected.
–
0 : USB 100-mA charger is detected.
•
USB_DET_STATUS: 500-mA/100-mA USB charger detect presence comparator output is debounced
during DEBUSBCHG_TIME (minimum 20 ms) on CKCHG, debounced signal is USB_DET_RESULT
(set to 1 in case of 500-mA charger)
•
Two signals are the result of the charger detection state machine:
–
USB100_P: Valid 100-mA charger (VBUS supplier) is detected.
–
USB500_P: Valid 500-mA charger (USB charger) is detected.
5.6.1
USB Battery Charger FSM
The FSM uses the control signals CHGDCTRL[6:0] described below to control and observe battery
charger detection.
When the SW_CONTROL bit is set to 1, the current context of the FSM and the state of charger detection
is
latched
in
POWER_CONTROL
register
bits
HWDETECT,
DP_VSRC_EN,
VDAT_DET,
and
DET_COMP, after which FSM control signals CHGDCTRL[6:0] are ignored, and charger detection
hardware and the CHGR_DET pin are controlled by the software.
The CHGD_IDP_SRC_EN bit is not latched when the SW_CONTROL bit is set (for example, if the FSM is
performing data-contact detection at the time the SW_CONTROL is set to 1, the CHGD_IDP_SRC_EN bit
is unchanged — its default value is 0).
56
Detailed Description
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TPS65921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com