Electronic Components Datasheet Search
  English  ▼

X  

TPS65921 Datasheet(PDF) 57 Page - Texas Instruments

Part # TPS65921
Description  TPS65921 Power Management and USB Single Chip
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65921 Datasheet(HTML) 57 Page - Texas Instruments

Back Button TPS65921 Datasheet HTML 53Page - Texas Instruments TPS65921 Datasheet HTML 54Page - Texas Instruments TPS65921 Datasheet HTML 55Page - Texas Instruments TPS65921 Datasheet HTML 56Page - Texas Instruments TPS65921 Datasheet HTML 57Page - Texas Instruments TPS65921 Datasheet HTML 58Page - Texas Instruments TPS65921 Datasheet HTML 59Page - Texas Instruments TPS65921 Datasheet HTML 60Page - Texas Instruments TPS65921 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 70 page
background image
TPS65921
www.ti.com
SWCS048G – MARCH 2010 – REVISED SEPTEMBER 2014
5.6.2
FSM Control Signals
Table 5-1. USB Charger Detect FSM I/O Control Signals
CONTROL SIGNAL
CONTROL SIGNAL
DESCRIPTION
TYPE
Bit(6)
USB500_P
500-mA USB charging can be enabled
Input
Bit(5)
USB100_P
100-mA USB charging can be enabled
Input
Bit(4)
CHGD_DET_EN
Enable charger detection (used to enable
Output
CHGD IBIAS block)
Bit(3)
CHGD_IDP_SRC_EN
Enable IDP_SRC and RDM_DWN
Output
Bit(2)
CHGD_VDP_SRC_EN
Enable VDP_SRC buffer, IDM_SINK, and
Output
VDAT_REF_DM comp
Bit(1)
CHGD_SERX_EN
Enable SERX comparators on DP and DM
Output
Bit(0)
Reserved
Reserved
Output
Table 5-1 shows control signals used to control the charger detection analog block from the FSM. The bit
number in the left-handed column indicates control bit position used in the charger detection state-
machine. Both SERX comparator outputs (CHGD_SERX_DP, CHGD_SERX_DM) are available for
register read in the VENDOR_SPECIFIC3 register.
Example:
State: DCD_INIT
Control: CHGDCTRL[6:0] = 011_1010
Bit(6): USB500_P = 0
Bit(5): USB100_P = 1
Bit(4): CHGD_DET_EN = 1
Bit(3): CHGD_IDP_SRC_EN = 1
Bit(2): CHGD_VDP_SRC_EN = 0
Bit(1): CHGD_SERX_EN = 1
Bit(0): Reserved = 0
5.7
MADC
The Monitoring Analog-to-Digital Convertor (MADC) enables the host processors to monitor analog signals
using Analog-to-Digital Conversion (ADC). After the conversion is complete, the host processor reads the
results of the conversion through the inter-integrated circuit (I2C) interface.
The MADC has the following features:
•
10-bit ADC
•
External input (ADCIN0)
•
Internal inputs (VBUS and battery voltage)
•
MADC resource shared among multiple users, including system host processors and the internal USB
•
Four ways of starting analog-to-digital (ADC) conversion
•
Quarter-bit accuracy if the averaging function is used for modem-initiated real-time (RT) conversion
requests
•
Management of potential concurrent conversion requests and priority between different resource users
•
Interrupt signal to the primary interrupt handler (PIH) module at the end-of-sequence of conversions
•
Averaging feature to sample the input channel on four consecutive conversion cycles instead of once,
and to provide the average value of four conversions
Copyright © 2010–2014, Texas Instruments Incorporated
Detailed Description
57
Submit Documentation Feedback
Product Folder Links: TPS65921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com