Electronic Components Datasheet Search
  English  ▼

X  

TPS65921 Datasheet(PDF) 46 Page - Texas Instruments

Part # TPS65921
Description  TPS65921 Power Management and USB Single Chip
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65921 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TPS65921 Datasheet HTML 42Page - Texas Instruments TPS65921 Datasheet HTML 43Page - Texas Instruments TPS65921 Datasheet HTML 44Page - Texas Instruments TPS65921 Datasheet HTML 45Page - Texas Instruments TPS65921 Datasheet HTML 46Page - Texas Instruments TPS65921 Datasheet HTML 47Page - Texas Instruments TPS65921 Datasheet HTML 48Page - Texas Instruments TPS65921 Datasheet HTML 49Page - Texas Instruments TPS65921 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
Sequence_Start
REGEN
VIO
VPLL1
VDD2
VDD1
32K
OUT
CLK
SYSEN
CLKEN
HFCLKOUT
NRESPWRON
4608 ms battery detection
1068 ms - 3 MHz oscillator setting + clock switch
1099 ms for VDD2 stabilization and VDD1 start ramping
1179 ms for VIO stabilization
1022 ms for LDO stabilization and start DC-DC ramping
61 ms
T1
29.053 ms
1175 ms for VDD1 stabilization
1179 ms for VIO stabilization
1.8 V
1.8 V
1.2 V
1.2 V
SWCS048-019
32.410 ms
TPS65921
SWCS048G – MARCH 2010 – REVISED SEPTEMBER 2014
www.ti.com
5.5.5.1
Switch On In MASTER_C021_GENERIC Mode
Figure 5-8 describes the timing and control that must occur in Master_C021_Generic mode.
Sequence_Start is a symbolic internal signal to ease the description of the power sequences and occurs
according to the different events detailed in Figure 5-7.
Figure 5-8. Timings—Switch On in Master_C021_Generic Mode
PARAMETER
MIN
MAX
UNIT
T1
10
11
32k clock cycles
46
Detailed Description
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TPS65921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com