Electronic Components Datasheet Search
  English  ▼

X  

TPS65921 Datasheet(PDF) 49 Page - Texas Instruments

Part # TPS65921
Description  TPS65921 Power Management and USB Single Chip
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65921 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TPS65921 Datasheet HTML 45Page - Texas Instruments TPS65921 Datasheet HTML 46Page - Texas Instruments TPS65921 Datasheet HTML 47Page - Texas Instruments TPS65921 Datasheet HTML 48Page - Texas Instruments TPS65921 Datasheet HTML 49Page - Texas Instruments TPS65921 Datasheet HTML 50Page - Texas Instruments TPS65921 Datasheet HTML 51Page - Texas Instruments TPS65921 Datasheet HTML 52Page - Texas Instruments TPS65921 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
VBAT
DEVOFF (register)
NRESPWRON
REGEN
32K
OUT
CLK
DCDCs
LDOs
SYSEN
HFCLKOUT
CLKEN
NEXT_Startup_event
18 s
m
1,2 ms
1,2 ms
1,2 ms
18 s
m
18 s
m
18 s
m
3.42 ms before detection of starting event
126 s
m
SWCS048-021
1,2 ms
TPS65921
www.ti.com
SWCS048G – MARCH 2010 – REVISED SEPTEMBER 2014
5.5.5.3.1 Switch-Off Sequence In Master Modes
Figure 5-10 describes the timing and control that occur during the switch-off sequence in master modes.
NOTE: All of the above timings are the typical values with the default setup (depending on the resynchronization between
power domains, state machinery priority, and so forth).
Figure 5-10. Switch-Off Sequence in Master Modes
In case the value of the HF clock is different from 19.2 MHz (with HFCLK_FREQ bit field values set
accordingly
inside
the
CFG_BOOT
register),
then
the
delay
between
DEVOFF
and
NRESPWRON/CLK32KOUT/SYSEN/HFCLKOUT is divided by 2 (meaning around 9
μs). This is due to
the internal frequency used by POWER STM switching from 3 MHz to 1.5 MHz in case the value of the
HF clock is 19.2 MHz.
The DEVOFF event is the PWRON falling edge in slave mode and the DEVOFF internal register write in
master mode.
Copyright © 2010–2014, Texas Instruments Incorporated
Detailed Description
49
Submit Documentation Feedback
Product Folder Links: TPS65921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com