Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 190 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 190 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 186Page - TE Connectivity Ltd 927770-3 Datasheet HTML 187Page - TE Connectivity Ltd 927770-3 Datasheet HTML 188Page - TE Connectivity Ltd 927770-3 Datasheet HTML 189Page - TE Connectivity Ltd 927770-3 Datasheet HTML 190Page - TE Connectivity Ltd 927770-3 Datasheet HTML 191Page - TE Connectivity Ltd 927770-3 Datasheet HTML 192Page - TE Connectivity Ltd 927770-3 Datasheet HTML 193Page - TE Connectivity Ltd 927770-3 Datasheet HTML 194Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 260 page
background image
Tab Housings for Contacts 21.0 mm Length
Timer Housings and Connectors
Sealed Junior Power Timer Housings
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
168
Part Numbers
Tab
Cover
Locking
Cover
Retainer
Mating
Housing
Device
and Lever
Housing
Receptacle Housing
2 Position Tab Housings
No. of
Pos.
Keying
Options
Housing
Color
282762-1/-8
2–
Black
106462-1
––
––
282190-1/-8
282189-1/-8
963040-1/-3
Technical Features
No. of Positions:
2 Position
for Aggregate Applications
Housing Material:
PBT
Wire Size Range:
See customer drawing
Product Specification:
––
Application Specification:
––
19.0
13.8
12.3
19.6
8.5
7.3
17.2
7.0
36.5
1.5
12.65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com