Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 191 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 191 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 187Page - TE Connectivity Ltd 927770-3 Datasheet HTML 188Page - TE Connectivity Ltd 927770-3 Datasheet HTML 189Page - TE Connectivity Ltd 927770-3 Datasheet HTML 190Page - TE Connectivity Ltd 927770-3 Datasheet HTML 191Page - TE Connectivity Ltd 927770-3 Datasheet HTML 192Page - TE Connectivity Ltd 927770-3 Datasheet HTML 193Page - TE Connectivity Ltd 927770-3 Datasheet HTML 194Page - TE Connectivity Ltd 927770-3 Datasheet HTML 195Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 260 page
background image
Tab Housings for Contacts 21.0 mm Length
Timer Housings and Connectors
Sealed Junior Power Timer Housings
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
169
Part Numbers
Tab
Cover
Locking
Cover
Retainer
Mating
Housing
Device
and Lever
Housing
Receptacle Housing
15 Position Tab Housings
No. of
Pos.
Keying
Options
Housing
Color
Gray
963035-1
963039-1
15
–
Black
963035-2
––
––
963035-2
Black
963035-3
–
Technical Features
No. of Positions:
15 Position
for Aggregate Applications
Housing Material:
PBTP GV10
Wire Size Range:
See customer drawing
Product Specification:
––
Application Specification:
––
50.3
62.0
47.1
5.0
16.7
33.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com