Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 219 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 219 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 215Page - TE Connectivity Ltd 927770-3 Datasheet HTML 216Page - TE Connectivity Ltd 927770-3 Datasheet HTML 217Page - TE Connectivity Ltd 927770-3 Datasheet HTML 218Page - TE Connectivity Ltd 927770-3 Datasheet HTML 219Page - TE Connectivity Ltd 927770-3 Datasheet HTML 220Page - TE Connectivity Ltd 927770-3 Datasheet HTML 221Page - TE Connectivity Ltd 927770-3 Datasheet HTML 222Page - TE Connectivity Ltd 927770-3 Datasheet HTML 223Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 260 page
background image
Crimping Presses and Accessories
Timer Interconnection System
Application Tooling and Equipment
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
2-197
For more detailed information please visit our websites:
www.tooling.te.com • www.tooling.te.com/europe • www.tooling.te.com/china
Crimp Quality Monitor II (CQM II)
Simply put, crimp height
measurement is the best non-
destructive way to ensure the
quality of a crimped terminal.
A proper crimp height ensures
the mechanical and electrical
properties of the crimp meeting
the stringent application
specifications designed by
the terminal engineer.
Crimp Height is one of five
different process analysis
methods featured in the new
TE Crimp Quality Monitor II
(CQM II). The CQM II uses five
different analysis methods to
provide flexibility and ensure
quality crimps are produced
and faulty crimps are detected.
New easy to use, intuitive
menus along with enhanced
monitoring and graphing lead
the improved feature set of
the CQM II.
Another major enhancement
is the ability to use CQM II
on non-TE terminators.
This new unit can standardize
and provide TE Crimp Quality
monitoring across your
production area by being
versatile, precise and
convenient.
■ Real-time monitoring of
every crimp
■ Effective for monitoring
the crimp of open barrel,
uninsulated contacts and
terminals.
■ Calculation of actual
crimp height and real-time
graphic display
■ Touch screen graphical
user interface
■ Multiple language support
■ Power: 100–240 VAC,
50/60 Hz, 1.5 Amps (max)
■ Engineered and
manufactured
using processe
independently
certified to
internationally
recognized quality
standards
■ Dimensions
Host Module:
170 mm (6.7″) Width x
126 mm (5.0″) Deepth x
158 mm (2.3″) Height
Data Acquisition Module:
172.5 mm (6.7″) Width x
101 mm (4.0″) Deepth x
48.4 mm (1.9″) Height
Production Crimp Height
Basic Analysis Monitoring
Fast Fourier Transform
Crimp Height Entry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com