Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 222 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 222 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 218Page - TE Connectivity Ltd 927770-3 Datasheet HTML 219Page - TE Connectivity Ltd 927770-3 Datasheet HTML 220Page - TE Connectivity Ltd 927770-3 Datasheet HTML 221Page - TE Connectivity Ltd 927770-3 Datasheet HTML 222Page - TE Connectivity Ltd 927770-3 Datasheet HTML 223Page - TE Connectivity Ltd 927770-3 Datasheet HTML 224Page - TE Connectivity Ltd 927770-3 Datasheet HTML 225Page - TE Connectivity Ltd 927770-3 Datasheet HTML 226Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 260 page
background image
Crimping Presses and Accessories
Timer Interconnection System
Application Tooling and Equipment
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
2-200
For more detailed information please visit our websites:
www.tooling.te.com • www.tooling.te.com/europe • www.tooling.te.com/china
Both machine versions permit
the cost effective manufac-
turing of crimp connections
with a high production
efficiency. The CRIMPMATIC
970 machines are cabable
of processing wires of up to
approx. 16 mm2 (AWG 5),
depending on the terminal
stock thickness.
■ Compact, space-saving
design
■ Compatible with MQC
Applicators
■ Step mode during set-up
CRIMPMATIC 970 and
971 Crimp Presses for
Reeled or Loose-Piece
Terminals
The CRIMPMATIC 971 machine
is capable of processing
wires of up to approx. 50 mm2
(AWG 0), depending on the
terminal stock thickness. The
machines can be equipped
with a quick change device
for power crimp tools.
MQC Applicators with a lower
dead center of 135.78 mm
can be mounted by means
of an adapter plate. These
machines can be utilized as
manual work stations and
can be integrated into fully-
automatic processing lines.
The terminator as shown is
a manual work station
CRIMPMATIC 971. The unit
can be supplied with or with-
out crimp process monitoring,
or it maybe retrofitted later.
Options are available upon
request
■ Crimp force monitoring
■ Paper spooler
■ Adapter plate for MQC
Applicator
Applicators
■ Especially designed for
larger wire sizes
■ Pneumatic feed
■ Can be used with both
crimp presses
CRIMPMATIC 970 and
CRIMPMATIC 971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com