Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 225 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 225 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 221Page - TE Connectivity Ltd 927770-3 Datasheet HTML 222Page - TE Connectivity Ltd 927770-3 Datasheet HTML 223Page - TE Connectivity Ltd 927770-3 Datasheet HTML 224Page - TE Connectivity Ltd 927770-3 Datasheet HTML 225Page - TE Connectivity Ltd 927770-3 Datasheet HTML 226Page - TE Connectivity Ltd 927770-3 Datasheet HTML 227Page - TE Connectivity Ltd 927770-3 Datasheet HTML 228Page - TE Connectivity Ltd 927770-3 Datasheet HTML 229Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 260 page
background image
Crimping Presses and Accessories
Timer Interconnection System
Application Tooling and Equipment
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
2-203
For more detailed information please visit our websites:
www.tooling.te.com • www.tooling.te.com/europe • www.tooling.te.com/china
Extremely fast stripping and
crimping of wires down to
a wire cross section of
0.012 mm2, minimum strip
lengths and a most compact
overall design are the special
features of StripCrimp PP3
machine, which is controlled
and powered pneumatically.
To ensure the required
precision, the PP3 machine
incorporates a toggle press,
StripCrimp PP3
Stripping and
Crimping Machine
allows adjustable wire zero-
cutting and can be equipped
with an optional crimp force
monitoring system in order
that optimum crimp quality is
assured.
User-friendly design, fine
adjust of stripping and
crimping parameters and
easy-to-handle wear part
change are key features of
the PP3 machine as well as
a small footprint and compact
size allowing it to be used in
many working areas.
We offer a PP3 solution for
end-feed and side-feed
terminals, de-reeling from right
to left or from left to right.
Efficient after sales support
includes a ready availability of
wear parts.
The CoaxStrip 5300 machine
is a semi-automatic, program-
able multi-step stripping unit
for coaxial, triaxial, multi-
conductor cable and single
conductor wire.
CoaxStrip 5300
Programmable Coaxial
Cable Stripping
Machine
This benchtop unit can easily
process coaxial and triaxial
cables up to 7 mm (0.276")
outer diameter and strips
lengths up to 30 mm (1.18").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com