Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 226 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 226 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 222Page - TE Connectivity Ltd 927770-3 Datasheet HTML 223Page - TE Connectivity Ltd 927770-3 Datasheet HTML 224Page - TE Connectivity Ltd 927770-3 Datasheet HTML 225Page - TE Connectivity Ltd 927770-3 Datasheet HTML 226Page - TE Connectivity Ltd 927770-3 Datasheet HTML 227Page - TE Connectivity Ltd 927770-3 Datasheet HTML 228Page - TE Connectivity Ltd 927770-3 Datasheet HTML 229Page - TE Connectivity Ltd 927770-3 Datasheet HTML 230Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 260 page
background image
Crimping Presses and Accessories
Timer Interconnection System
Application Tooling and Equipment
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
2-204
For more detailed information please visit our websites:
www.tooling.te.com • www.tooling.te.com/europe • www.tooling.te.com/china
The AVG 0160 is a stripping
and twisting machine for wires
with insulation such as PVC,
Teflon™, Silicon, Fiberglass,
Rubber etc. The machine can
cover a wire size range from
0.03 mm2 up to 6 mm2 with
an adjustable stripping length
from 0.5 mm up to 29 mm.
The machine utilizes rotary
stripping blades for a smooth,
360° cutting of the insulation.
AT-ST Cable Strip
and Twist Machine
Teflon is a trademark of
E.I. DuPont de Nemours and Co.
The JacketStrip 8400 stripping
machine enables automatic
jacket stripping of round
cables up to 26 mm in dia-
meter and a stripping length
of 200 mm. After the cable
jacket has been cut, the
piece of insulation is removed
using a strong electric motor
(full/partial or window strip can
be selected). Pneumatically
JacketStrip 8400
Jacket Stripping
Machine
operated clamping jaws
guarantee optimal cable
retention during the
stripping process. Waste
insulation material is
automatically ejected.
All functions of the
machine are electronic-
ally monitored and
diagnosed by means
of a LCD display.
This pneumatically driven
stripping machine comes
standard with V-blades, the
optimum solution for any
ordinary stripping of stranded
wire with no blade changeover
necessary. Through the use
of special blades, the range of
applications can be expanded
to include flat ribbon cable,
UniStrip 2500
Stripping Machine
double-stranded wire,
thin multistranded wire
or demanding (though,
delicate, thin) isolations.
The adjustable way-back
prevents the conductor
from being damaged
during the stripping
process.
The blades are made
out of a special tool
steel for longevity.
Optionally available is
a spring kit for tighter
twisting of the strands
suitable for additional
tinning operation.
The pneumatically operated
stripping machine UniStrip
2015 excels with a compact
design, fast cycle times and
infinite settings for conductor
diameters, stripping and pull-
off lengths. The UniStrip 2015
stripping machine primarily
processes stranded wires
and single wires. Due to the
minimal distance between
the acrylic safety cover and
UniStrip 2015/2100
Stripping Machines
the stripping blades, this
machine can perform
stripping on extreme short
cables. The UniStrip 2100
is an electrically driven
stripping machine. Ease of
operation, fast cycle times,
a powerful yet silent motor
drive as well as a vast
cable processing range
are the main features of
this machine.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com