Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 230 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 230 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 226Page - TE Connectivity Ltd 927770-3 Datasheet HTML 227Page - TE Connectivity Ltd 927770-3 Datasheet HTML 228Page - TE Connectivity Ltd 927770-3 Datasheet HTML 229Page - TE Connectivity Ltd 927770-3 Datasheet HTML 230Page - TE Connectivity Ltd 927770-3 Datasheet HTML 231Page - TE Connectivity Ltd 927770-3 Datasheet HTML 232Page - TE Connectivity Ltd 927770-3 Datasheet HTML 233Page - TE Connectivity Ltd 927770-3 Datasheet HTML 234Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 260 page
background image
MOSTTM Equipment
Timer Interconnection System
Application Tooling and Equipment
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
2-208
For more detailed information please visit our websites:
www.tooling.te.com • www.tooling.te.com/europe • www.tooling.te.com/china
MOST is a trademark of
SMSC Europe GmbH
These devices measure the
position of the prepared end
of the optical fibers relative to
the reference point of the
insert extremely accurately.
MOST™ Measuring
Devices
The result is displayed clearly
by means of the digital read
out. The digital display can be
zeroed by means of the
setting gauge.
A special Digital Crimp Height
Micrometer verifies the crimp
height of metal inserts. Two
opposed probe tips measure
the crimp height of the inserts
across the diameter.
In the future Glass Fiber will
be used in the automobile
industry. To keep pace with
this trend TE Connectivity is
developing process equip-
ment for the manufacture of
GOF and PCS leads.
Developments are based
on experience gained in
processing plastic and glass
Tooling and Equipment
for Glass Fiber Optics
(GOF/PCS) for
Automotive
fiber for NETCONNECT
communication technology
products. With both GOF and
PCS the primary obstacle in
the process is to achieve a
high quality fiber end surface.
The goal of our develop-ment
is to process the PCS fiber
end with a Laser Module.
Further process involve joining
a connector to the fiber end
with a Laser welding Module.
The manufacture of the
GOF fiber end faces involves
additional process of heat
forming and polishing.
A Laser Module is used
finally to accomplish optical
connector assembly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com