Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 236 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 236 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 232Page - TE Connectivity Ltd 927770-3 Datasheet HTML 233Page - TE Connectivity Ltd 927770-3 Datasheet HTML 234Page - TE Connectivity Ltd 927770-3 Datasheet HTML 235Page - TE Connectivity Ltd 927770-3 Datasheet HTML 236Page - TE Connectivity Ltd 927770-3 Datasheet HTML 237Page - TE Connectivity Ltd 927770-3 Datasheet HTML 238Page - TE Connectivity Ltd 927770-3 Datasheet HTML 239Page - TE Connectivity Ltd 927770-3 Datasheet HTML 240Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 260 page
background image
FFC-FPC Equipment
Timer Interconnection System
Application Tooling and Equipment
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
2-214
For more detailed information please visit our websites:
www.tooling.te.com • www.tooling.te.com/europe • www.tooling.te.com/china
The very easy-to-handle
10 position hand tool allows
variable settings for both the
foil stop and foil guide. A
correct and repeatable crimp
process is achieved by an
integrated ratchet mechanism.
A FFC hand tool case can be
built up around your particular
application requirements.
FFC Hand Tool
The Termination Machine is an
electrical driven semi-automatic
assembly machine that uses
different applicators to terminate
reel-feed FFC contacts to
manually supplied FFC cables.
The machine terminates a
predefined number of contacts
to the supplied cable end.
TE Connectivity products
FFC MQS, FFC AMPMODU .100,
Junior Timer, AMPMODU .50
and soldered contacts are
compatible.
FFC Termination
Machine for Flexible
Sensor Foil
The FFC Applicator is designed
for FFC and FPC termina-
tions. It is normally delivered
with a special TE Connectivity
crimp machine, but is also
compatible with standard
presses (press stroke 40 mm),
if a wire feed is supplied.
FFC Applicator
The adjustment of the crimp
height is similar to other
TE Connectivity crimp appli-
cators. All wear parts are easy
to change.
The FFC Applicator is available
for different TE Connectivity
contacts, such as:
• FFC MQS,
• FFC Junior Timer,
• FFC AMPMODU .100,
• FFC AMPMODU .050,
• FFC Card Edge,
• FFC ACTION PIN and
• FFC Soldering Pin.
■ Quick-change of applicator
■ Alignment of the cable is realized in the machine
■ Interchangeable applicators available for different products
■ Number of pins can be programmed (max. 38 mm with pitch 2.54 mm)
■ Pitch 1.27 mm up to 5.08 mm can be programmed
■ Individual wire positions can be skipped
■ Operator friendly interface via touch screen
■ Integrated crimp force monitoring by CQM (optional)
The tool allows crimp connec-
tions to be made between foil
and 1 to 10 position MQS
terminals. The crimp height is
set for 70 mm thick foil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com