Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 240 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 240 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 236Page - TE Connectivity Ltd 927770-3 Datasheet HTML 237Page - TE Connectivity Ltd 927770-3 Datasheet HTML 238Page - TE Connectivity Ltd 927770-3 Datasheet HTML 239Page - TE Connectivity Ltd 927770-3 Datasheet HTML 240Page - TE Connectivity Ltd 927770-3 Datasheet HTML 241Page - TE Connectivity Ltd 927770-3 Datasheet HTML 242Page - TE Connectivity Ltd 927770-3 Datasheet HTML 243Page - TE Connectivity Ltd 927770-3 Datasheet HTML 244Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 260 page
background image
Board Processing Equipment
Timer Interconnection System
Application Tooling and Equipment
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
2-218
For more detailed information please visit our websites:
www.tooling.te.com • www.tooling.te.com/europe • www.tooling.te.com/china
Press-Fit Systems
control applied force, speed
and travel without the “spring”
effect common in pneumatic
and hydraulic presses.
Finally, force and SPC data
for every connector pressed
is stored and can be retrieved
for 100% traceability of all
boards produced.
This system minimizes costly
scrap by assuring that the
minimum force is reached,
maximum force is not
exceeded and the connector
is gently seated to the
required height.
A key feature of the CSP press
system is an automatic shuttle
that positions the PCB and
housing/connector stack up
underneath the upper insertion
tool.
TE Connectivity offers a
complete line of manual and
automatic servo-electric driven
presses for the application of
press-fit connectors.
Each unit is PC controlled and
incorporates force feedback
through load cells. The servo-
electric drive can precisely
The SEP 3T is a servo-electric
press to apply PCBs onto
compliant pin connectors and
housings. The system provides
control and monitoring of the
press cycle force, distance
and speed to meet the quality
and traceability essential in
the safety and control
applications where these
components are typically used.
Optional Pin Penetration
Sensing (PPS) tooling can
verify the correct penetration
of every pin through the PCB.
CSP 3T
Servo-Electric Press
PCBs are manually loaded
onto the connector/housing
and placed in specific support
fixtures. When the press cycle
is initiated by the operator,
the product is shuttled into the
CSP 3T and pressed to the
required force and/or height.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com