Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 242 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 242 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 238Page - TE Connectivity Ltd 927770-3 Datasheet HTML 239Page - TE Connectivity Ltd 927770-3 Datasheet HTML 240Page - TE Connectivity Ltd 927770-3 Datasheet HTML 241Page - TE Connectivity Ltd 927770-3 Datasheet HTML 242Page - TE Connectivity Ltd 927770-3 Datasheet HTML 243Page - TE Connectivity Ltd 927770-3 Datasheet HTML 244Page - TE Connectivity Ltd 927770-3 Datasheet HTML 245Page - TE Connectivity Ltd 927770-3 Datasheet HTML 246Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 260 page
background image
Board Processing Equipment
Timer Interconnection System
Application Tooling and Equipment
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
2-220
For more detailed information please visit our websites:
www.tooling.te.com • www.tooling.te.com/europe • www.tooling.te.com/china
The CAP-6T Automatic Electric
Press is the newest addition to
the successful TE Connectivity
servo press line. It provides
the proven force control capa-
bilities and quality assurance of
the line in an automatic press.
The automatic pressing capa-
bilities of the CAP-6T Press
provide the end user with
greater control and simplified
processing to help improve
quality, lower rework and
prevent rejects. This provides
users with lower true applied
cost and higher end profits.
The CAP-6T Press was
designed to apply compliant
pin connectors to a wide range
of PCBs. It is fully capable of
handling the most demanding
applications today from
daughter cards to mid-planes
to back-planes.
With board capacity up to
760 mm x 910 mm [30" x 36"]
and a press force up to
53 kN [6 tons], the CAP-6T
Press is focused at all but the
largest board applications.
The CAP-6T Press can also
hold up to 12 insertion tools
and uses a lower support
fixture.
CAP 6T
Automatic
Electric Press
PCB and connectors are
loaded manually into fixtures.
When started, the machine
checks the correct loading of
the connectors before placing
the connectors onto the PCB.
The tool then moves under
the press ram where the
connectors get pressed one
after the other onto the PCB.
The CBP-5T servo-electric
press is used to seat the
PCB which provides a force-
distance check to guarantee
quality production.
CSM 5T
Connector Seating
Machine
A special tooling plate allows
the sequential pressing of a
number of different pre-loaded
connectors. An intermediate
plate, positioned between the
PCB with its pre-positioned
connectors and the flat rock
press ram contains the
connector specific press tools.
For each connector a force
distance curve is available
after completion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com