Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 135 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 135 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 131Page - TE Connectivity Ltd 927770-3 Datasheet HTML 132Page - TE Connectivity Ltd 927770-3 Datasheet HTML 133Page - TE Connectivity Ltd 927770-3 Datasheet HTML 134Page - TE Connectivity Ltd 927770-3 Datasheet HTML 135Page - TE Connectivity Ltd 927770-3 Datasheet HTML 136Page - TE Connectivity Ltd 927770-3 Datasheet HTML 137Page - TE Connectivity Ltd 927770-3 Datasheet HTML 138Page - TE Connectivity Ltd 927770-3 Datasheet HTML 139Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 260 page
background image
Tab Housings
Timer Housings and Connectors
Sealed Micro Timer II Housings
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
113
Part Numbers
Tab
Cover
Locking
Cover
Retainer
Mating
Housing
Device
and Lever
Housing
Receptacle Housing
30 Position Mixed Tab Housings
No. of
Pos.
Keying
Options
Housing
Color
30
–
Black
1355883-1
––
––
1241748-1
Technical Features
No. of Positions:
30 Position
Micro Timer II + Junior
Power Timer with Slide
Housing Material:
PBT GF20
Wire Size Range:
See customer drawing
Product Specification:
108-18672-1
Application Specification:
114-18315-1
4.0
27.4
18.78
59.2
44.55
83.5
59.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com