Electronic Components Datasheet Search
  English  ▼

X  

927770-3 Datasheet(PDF) 138 Page - TE Connectivity Ltd

Part # 927770-3
Description  Timer Interconnection System for the Automotive Industry
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

927770-3 Datasheet(HTML) 138 Page - TE Connectivity Ltd

Back Button 927770-3 Datasheet HTML 134Page - TE Connectivity Ltd 927770-3 Datasheet HTML 135Page - TE Connectivity Ltd 927770-3 Datasheet HTML 136Page - TE Connectivity Ltd 927770-3 Datasheet HTML 137Page - TE Connectivity Ltd 927770-3 Datasheet HTML 138Page - TE Connectivity Ltd 927770-3 Datasheet HTML 139Page - TE Connectivity Ltd 927770-3 Datasheet HTML 140Page - TE Connectivity Ltd 927770-3 Datasheet HTML 141Page - TE Connectivity Ltd 927770-3 Datasheet HTML 142Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 260 page
background image
Receptacle Housings
Timer Housings and Connectors
Sealed Micro Timer II Housings
Catalog 889759-3
Revised 7-2011
All specifications subject to change. Consult TE Connectivity for latest specifications.
116
Technical Features
No. of Positions:
4 Positions
Housing Material:
PBT GF30
Wire Size Range:
0.35 – 0.5 mm2
Product Specification:
108-18664
Application Specification:
114-18308
Part Numbers
Receptacle
Cover
Locking
Cover
Retainer
Mating
Mating PCB Header
Housing
Device
and Lever
Housing
Tab Housing
Right-Angle
Vertical
4 Position Receptacle Housings
No. of
Pos.
Keying
Options
Housing
Color
4–
Black
6-1355678-1
––––
–
–
–
32.0
24.55
14.1
4.0
19.8
28.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com