Electronic Components Datasheet Search
  English  ▼

X  

L9679E Datasheet(PDF) 105 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 105 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 101Page - STMicroelectronics L9679E Datasheet HTML 102Page - STMicroelectronics L9679E Datasheet HTML 103Page - STMicroelectronics L9679E Datasheet HTML 104Page - STMicroelectronics L9679E Datasheet HTML 105Page - STMicroelectronics L9679E Datasheet HTML 106Page - STMicroelectronics L9679E Datasheet HTML 107Page - STMicroelectronics L9679E Datasheet HTML 108Page - STMicroelectronics L9679E Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 127 page
background image
Symbol
Parameter
Comments / Conditions
Min
Typ
Max
Unit
TFLT_ILIM_LS
Low-side
Overcurrent to low-
side deactivation
deglitch time in short
to battery condition
-
80
100
120
µs
TFLT_OS_LS
Low-side overcurrent
to high-side
deactivation deglitch
time in case of
intermittent open to
squib/pyroswitch
condition
-
-
-
20
µs
TOFF_OS_HS
High-side off time in
case of intermittent
open to squib/
pyroswitch condition
-
4
-
12
µs
13.8
Deployment driver diagnostic
13.8.1
Squib/Pyroswitch resistance measurement
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Tamb ≤ +105 °C
VSAT_ON(max) ≤ VSAT ≤ VSAT(max)
6 V ≤ SSxy ≤ 35 V
7 V ≤ VSYNC ≤ 35 V
Table 29. Deployment drivers diagnostics - squib/pyroswitch resistance measurement
Symbol
Parameter
Comments / Conditions
Min
Typ
Max
Unit
RSQ_RANGE_1
Squib/Pyroswitch resistance range
1
LPDIAGREQ(ISRC_CURR_SEL)=0
0
10.0
Ω
RSQ_RANGE 2
Squib/Pyroswitch resistance range
2
LPDIAGREQ(ISRC_CURR_SEL)=1
0
50.0
Ω
GRSQ
Squib/Pyroswitch resistance
measurement differential amplifier
gain
VOUT_RSQ = GRSQ x [(VSF – VSR)] + Voff_RSQ
-2%
5.2
+2%
V/V
Voff_RSQ
Squib/Pyroswitch resistance
measurement differential amplifier
offset
VOUT_RSQ = GRSQ x [(VSF – VSR)] + Voff_RSQ
200
400
mV
ISRC_HI_SF
ISRC_HI_SR
Squib/Pyroswitch resistance
measurement high current source
LPDIAGREQ(ISRC_CURR_SEL)=0
LPDIAGREQ(ISRC)=”01” or “10”
-5%
40
+5%
mA
ISRC_LO_SF
ISRC_LO_SR
Squib/Pyroswitch resistance
measurement low current source
LPDIAGREQ(ISRC_CURR_SEL)=1
LPDIAGREQ(ISRC)=”01” or “10”
-10%
8
+10%
mA
ISRC_DELTA
Squib/Pyroswitch resistance
measurement delta current source
ISRC_HI_x - ISRC_LO_x
-5%
32
+5%
mA
SRISRC
Squib/Pyroswitch resistance
measurement current source slew-
rate
-
3
7.5
12
mA/µs
VSRx_RM
SRx voltage during resistance
measurement
LPDIAGREQ(ISRC)=”01” or “10”
LPDIAGREQ(ISINK)=1
0.4
0.7
1.2
V
ISINK_HI_SR
SRx current sink limit high
LPDIAGREQ(ISRC_CURR_SEL)=0
LPDIAGREQ(ISINK)=1
50
75
100
mA
L9679E
Electrical characteristics
DS12485 - Rev 8
page 105/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com