Electronic Components Datasheet Search
  English  ▼

X  

L9679E Datasheet(PDF) 106 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 106 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 102Page - STMicroelectronics L9679E Datasheet HTML 103Page - STMicroelectronics L9679E Datasheet HTML 104Page - STMicroelectronics L9679E Datasheet HTML 105Page - STMicroelectronics L9679E Datasheet HTML 106Page - STMicroelectronics L9679E Datasheet HTML 107Page - STMicroelectronics L9679E Datasheet HTML 108Page - STMicroelectronics L9679E Datasheet HTML 109Page - STMicroelectronics L9679E Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 127 page
background image
Symbol
Parameter
Comments / Conditions
Min
Typ
Max
Unit
ISINK_LO_SR
SRx current sink limit low
LPDIAGREQ(ISRC_CURR_SEL)=1
LPDIAGREQ(ISINK)=1
10
17.5
25
mA
IPD_SR_L
SRx current pull-down
SYS_CTL(PD&VRCM_SEL) = 0
0.7
1
1.3
mA
IPD_SR_H
SRx current pull-down
SYS_CTL(PD&VRCM_SEL) = 1
4.5
6
7.5
mA
RLKG_SF
SFx leakage resistance
Design info
1
-
kΩ
VLKG_SF
SFx leakage voltage source
Design info
-1
-
18
V
RSQ_ACC
Squib/Pyroswitch resistance
measurement accuracy
After software calculation. All errors included RSQ
between 1.0 Ω and 10.0 Ω With High Current Source
(40 mA)
-8%
-
+8
%
-
EMI Input Low-pass filter
Design Info
50
-
100
kHz
13.8.2
Squib/Pyroswitch leakage test (VRCM)
All electrical characteristics are valid for the following conditions unless otherwise noted:
-40 °C ≤ Tamb ≤ +105 °C
VSAT_ON(max) ≤ VSAT ≤ VSAT(max)
Table 30. Squib/Pyroswitch leakage test (VRCM)
Symbol
Parameter
Comments / Conditions
Min
Typ Max Unit
VOUT_VRCM_0
Output voltage on SF or SR pins
during leakage test
IOUT = 0 mA
-10%
2.5 +10%
V
VOUT_VRCM
IOUT = 6.6 mA
1.9
-
2.5
V
RLKG_GSG_TH
Detection threshold, leakage to
GND
Leakage detected if RLKG_GSG ≤ 1 kΩ and not detected
if RLKG_GSG ≥ 10 kΩ
Design info
1
-
10
kΩ
ILKG_GSQ_TH_L
Detection threshold, leakage to
GND
Equivalent to resistance range
SYS_CTL(PD&VRCM_SEL) = 0 -25 °C ≤ Tj ≤ +150 °C
guaranteed by design/characterization
-15.5% 450 +20%
µA
Equivalent to resistance range
SYS_CTL(PD&VRCM_SEL) = 0 -40 °C ≤ Tj ≤ +150 °C
-17%
450 +20%
µA
ILKG_GSQ_TH_H
Detection threshold, leakage to
GND
SYS_CTL(PD&VRCM_SEL) = 1
-15%
2
15%
mA
TFLT_LKG_G
Leakage to GND deglitch filter
time
-
17
20
23
µs
RLKG_BSQ_TH
Detection threshold, leakage to
battery
Leakage detected if RLKG_GSG ≤ 1 kΩ and not detected
if RLKG_GSG ≥ 10 kΩ
Design info
1
-
10
kΩ
ILKG_BSQ_TH
Equivalent to resistance range -25 °C ≤ Tj ≤ +150 °C
guaranteed by design/characterization
-12%
1.8 +15% mA
-40 °C ≤ Tj ≤ +150 °C
-12%
1.8 +20% mA
TFLT_LKG_B
Leakage to BAT deglitch filter time -
17
20
23
µs
ILIM_VRCM_SRC
VRCM current limitation
-
-20
-
-10
mA
ILIM_VRCM_SINK
VRCM current limitation
-
10
-
20
mA
VSHIFT
External ground or battery shift
Design info
-1
-
+1
V
RSQ_LOW_TH
Detection Threshold for
“resistance too low”
Design Info
200
-
500
Ω
L9679E
Electrical characteristics
DS12485 - Rev 8
page 106/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com