Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 21 Page - Texas Instruments

Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 17Page - Texas Instruments THS4521 Datasheet HTML 18Page - Texas Instruments THS4521 Datasheet HTML 19Page - Texas Instruments THS4521 Datasheet HTML 20Page - Texas Instruments THS4521 Datasheet HTML 21Page - Texas Instruments THS4521 Datasheet HTML 22Page - Texas Instruments THS4521 Datasheet HTML 23Page - Texas Instruments THS4521 Datasheet HTML 24Page - Texas Instruments THS4521 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
Starting from the test circuit of Figure 8-1, various elements are modified to show the effect of these elements
over a range of design targets, specifically:
• The gain setting is changed by adjusting the two RT and the RG resistors to provide a 50-Ω input match and
setting the feedback resistors to 1.5 kΩ.
• Resistive and capacitive output load testing. Changing to lower resistive loads is accomplished by adding
parallel resistors across the output pins in Figure 8-1. Changing to capacitive loads adds series output
resistors to a differential capacitance before the 1-kΩ sense path of Figure 8-1.
• Power-supply settings. Most often, balanced bipolar supplies are used; a 12-V tests use ±6-V supplies, 5-V
tests use ±2.5-V supplies, and 3-V tests use ±1.5-V supplies with the VOCM input control grounded.
• The disable control pin (PD) is tied to the positive supply (VS+) for any active channel test.
8.2 Output Interface Circuit for DC-Coupled Differential Testing
The pulse response plots are measured using the output circuit of Figure 8-4. The two sides of this circuit
present a 500-Ω load to ground (for a differential 1-kΩ load) with a 50-Ω source to the two scope inputs. Trace
math function of the scope combines the two sides to generate the step response plots of Figure 7-13, Figure
7-27, and Figure 7-44. Use balanced bipolar supplies for this test so that the THS4561 outputs deliver a ground-
centered differential swing. This setup produces no DC load currents using the circuit of Figure 8-4.
R
O1
475
R
O2
475
R
M1
56.2
THS4561
Output
R
M1
56.2
50-
Scope
Input
50-
Scope
Input
Figure 8-4. Output Interface for DC-Coupled Differential Outputs
8.3 Output Common-Mode Measurements
The circuit of Figure 8-5 is a typical setup for common-mode measurements.
RF1
1.5 k
100
RG1
1.5 k
RG2
1.5 k
50-
Measurement
Equipment
THS4561 Wideband,
Fully Differential Amplifier
VOCM
Input
RF2
1.5 k
+
±
VS+
+
±
Signal
Source
VS+
FDA
PD
VS±
100
RS
49.9
RT
49.9
VOCM
Figure 8-5. Output Common-Mode Measurements
In Figure 8-5, the differential path is terminated back to ground with the two 1.5-kΩ input resistors and the VOCM
control input is driven from a 50-Ω matched source for the frequency response and step response curves of
Figure 7-47, Figure 7-49, and Figure 7-50. The outputs are summed to a center point (to obtain the average, or
common-mode output, VOCM) through two 100-Ω resistors. These 100-Ω resistors form an equivalent 50-Ω
source to the common-mode output for measurements. Figure 7-48 illustrates the common-mode output noise
measurements with a ground on the VOCM input pin or with the VOCM input pin floating. The higher noise in
Figure 7-48 for a floated input can be reduced by including a capacitor to ground at the VOCM control input pin.
www.ti.com
THS4561
SBOS874D – AUGUST 2017 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com