Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 31 Page - Texas Instruments

Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 31 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
10.1.3 Noise Analysis
The first step in the output noise analysis is to reduce the application circuit to the simplest form with equal
feedback and gain setting elements to ground. Figure 10-4 shows the simplest analysis circuit with the FDA and
resistor noise terms to be considered.
+
±
In+
2
In±
2
eno
2
RF
RG
RF
RG
enRg
2
enRf
2
enRg
2
enRf
2
eni
2
Figure 10-4. FDA Noise Analysis Circuit
The noise powers are shown in Figure 10-4 for each term. When the RF and RG terms are matched on each
side, the total differential output noise is the root sum squared (RSS) of these separate terms. Using NG ≡ 1 +
RF / RG, the total output noise is given by Equation 5. Each resistor noise term is a 4kT × R power (4kT =
1.6E-20J at 290K).
2
2
o
ni
N
F
F
e
e NG
2 i R
2 4kTR NG
(5)
The first term is simply the differential input spot noise times the noise gain, the second term is the input current
noise terms times the feedback resistor (and because there are two uncorrelated current noise terms, the power
is two times one of them), and the last term is the output noise resulting from both the RF and RG resistors, at
again twice the value for the output noise power of each side added together. Running a wide sweep of gains
when holding RF close to 1.5 kΩ and setting the input up for a 50-Ω match gives the standard values and
resulting noise listed in Table 10-2.
When the gain increases, the input-referred noise approaches only the gain of the FDA input voltage noise term
at 5 nV/√ Hz.
Table 10-2. Swept Gain of the Output- and Input-Referred Spot Noise Calculations
GAIN (V/V)
RF
RG1
RT
RG2
ZIN
AV
eO (nV/√ Hz)
eI (nV/√ Hz)
0.1
1500
15000
49.9
15000
49.74
0.09973
9.15
91.53
1
1500
1500
51.1
1500
49.82
0.994
14.03
14.03
2
1500
750
52.3
768
49.98
1.978
18.99
9.49
5
1500
287
54.9
316
49.6
5.014
33.20
6.64
10
1500
137
61.9
165
50.4
10.08
55.05
5.51
www.ti.com
THS4561
SBOS874D – AUGUST 2017 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com