Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 47 Page - Texas Instruments

Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 47 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 43Page - Texas Instruments THS4521 Datasheet HTML 44Page - Texas Instruments THS4521 Datasheet HTML 45Page - Texas Instruments THS4521 Datasheet HTML 46Page - Texas Instruments THS4521 Datasheet HTML 47Page - Texas Instruments THS4521 Datasheet HTML 48Page - Texas Instruments THS4521 Datasheet HTML 49Page - Texas Instruments THS4521 Datasheet HTML 50Page - Texas Instruments THS4521 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 53 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
16X (0.24)
16X (0.6)
(
0.2) TYP
VIA
12X (0.5)
(2.8)
(2.8)
(0.58)
TYP
(
1.68)
(R0.05)
ALL PAD CORNERS
(0.58) TYP
VQFN - 1 mm max height
RGT0016C
PLASTIC QUAD FLATPACK - NO LEAD
4222419/E 07/2025
SYMM
1
4
5
8
9
12
13
16
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:20X
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
EXPOSED
METAL
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)
EXPOSED
METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com