Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 25 Page - Texas Instruments

Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 21Page - Texas Instruments THS4521 Datasheet HTML 22Page - Texas Instruments THS4521 Datasheet HTML 23Page - Texas Instruments THS4521 Datasheet HTML 24Page - Texas Instruments THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
9.3 Feature Description
In addition to the core differential I/O voltage feedback gain block, there are two 6-kΩ resistors internally across
the outputs to sense the average voltage at the outputs. These resistors feed the average voltage back into a
VCM error amplifier where the voltage is compared to either a default voltage divider across the supplies or an
externally set VOCM target voltage. When the amplifier is disabled, the default midsupply bias string is disabled
to save power.
To achieve the very-low noise at the low power provided by the THS4561, the input stage transistors are
relatively large, thus resulting in a higher differential input capacitance (2.4 pF in Section 9.2). When using the
16-pin WQFN package and the internal feedback traces to the input side of the package, include the nominal
trace impedance of 8.5 Ω in the design. These elements are not included in the TINA-TI™ model and must be
added externally to a design intending to use the RGT package.
9.4 Device Functional Modes
The wideband FDA requires external resistors for correct signal-path operation. When configured for the desired
input impedance and gain setting with these external resistors, the amplifier can be either on with the PD pin
asserted to a voltage greater than (VS+) – 0.5 V, or turned off by asserting PD low (1.8 V below the positive
supply). Disabling the amplifier shuts off the quiescent current and stops correct amplifier operation. The signal
path is still present for the source signal through the external resistors, which provides poor signal isolation from
the input to output in power-down mode.
Internal protection diodes remain present across the input pins in both operating and shutdown mode. Large
input signals during disable can turn on the input differential protection diodes, thus producing a load current in
the supply even in power-down.
The VOCM control pin sets the output average voltage. The VOCM defaults to an internal midsupply value if left
open. Driving this high-impedance input with a voltage reference within the valid range sets a target for the
internal VCM error amplifier. If floated to obtain a default midsupply reference for VOCM, an external decoupling
capacitor is recommended to be added on the VOCM pin to reduce the otherwise high output noise for the
internal high-impedance bias (see Figure 7-48).
9.4.1 Power-Down Mode
The power down ( PD) pin must be asserted to the desired voltage for proper power-down mode operation. A
physical internal pullup resistor is not provided on the PD pin so that if the pin is floated, the device defaults to an
ON state. Tie the PD pin to the positive supply voltage for applications that simply require the device to power on
when the supplies are present. For single-supply operation, a minimum of 0.5 V within the positive supply is
required for operation.
The disable operation is referenced from the positive supply. For an OFF state condition, the disable control pin
must be 1.8 V below the positive supply. The THS4561 has a unique power-down circuit that requires
overcoming the specified peak PD pulldown current when the PD voltage is pulled low. When this current
threshold is overcome, the PD current drops to a very small value. The benefit of the circuit is that the device
stays disabled without having to use an active pullup resistor that wastes crucial power to keep the amplifier
disabled in power-sensitive applications.
9.4.2 Single-Ended Source to Differential Output Mode
One of the most useful features supported by the FDA device is an easy conversion from a single-ended input to
a differential output centered on a user-controlled, common-mode level. Although the output side is relatively
straightforward, the device input pins move in a common-mode manner with the input signal. The common-mode
voltage at the input pins, which moves with the input signal, increases the apparent input impedance to be
greater than the RG value. The input active impedance issue applies to both AC-coupled and DC-coupled
designs, and requires somewhat more complex solutions for the resistors to account for this active impedance,
as discussed in Section 10.1.2.
www.ti.com
THS4561
SBOS874D – AUGUST 2017 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com