Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 46 Page - Texas Instruments

Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 46 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 42Page - Texas Instruments THS4521 Datasheet HTML 43Page - Texas Instruments THS4521 Datasheet HTML 44Page - Texas Instruments THS4521 Datasheet HTML 45Page - Texas Instruments THS4521 Datasheet HTML 46Page - Texas Instruments THS4521 Datasheet HTML 47Page - Texas Instruments THS4521 Datasheet HTML 48Page - Texas Instruments THS4521 Datasheet HTML 49Page - Texas Instruments THS4521 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 53 page
background image
www.ti.com
PACKAGE OUTLINE
C
16X
0.30
0.18
1.68 0.07
16X
0.5
0.3
1.0
0.8
(DIM A) TYP
0.05
0.00
12X 0.5
4X
1.5
A
3.1
2.9
B
3.1
2.9
4X (0.45)
VQFN - 1 mm max height
RGT0016C
PLASTIC QUAD FLATPACK - NO LEAD
4222419/E 07/2025
SIDE WALL
METAL THICKNESS
DIM A
OPTION 1
OPTION 2
0.1
0.2
PIN 1 INDEX AREA
0.08
SEATING PLANE
1
4
9
12
5
8
16
13
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
C
EXPOSED
THERMAL PAD
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 3.600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com