Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 5 Page - Texas Instruments

Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 5 Page - Texas Instruments

  THS4521 Datasheet HTML 1Page - Texas Instruments THS4521 Datasheet HTML 2Page - Texas Instruments THS4521 Datasheet HTML 3Page - Texas Instruments THS4521 Datasheet HTML 4Page - Texas Instruments THS4521 Datasheet HTML 5Page - Texas Instruments THS4521 Datasheet HTML 6Page - Texas Instruments THS4521 Datasheet HTML 7Page - Texas Instruments THS4521 Datasheet HTML 8Page - Texas Instruments THS4521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Voltage
Total supply voltage, VS = (VS+ – VS–)
13.5
V
Supply turn-on/off dV/dT(2)
±0.35
V/µs
Input, output, power down and common-mode pin voltage range
(VS–) – 0.5
(VS+) + 0.5
V
Differential input voltage
±1
V
Current
Continuous input current
±10
mA
Continuous output current(3)
±20
mA
Temperature
Junction temperature, TJ
150
°C
Operating free-air temperature, TA
–40
125
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These stress-only
ratings do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Staying below this specification ensures that the edge-triggered ESD absorption devices across the supply pins remains off.
(3)
Long-term continuous output current for electromigration limits.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±3500
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
pins(2)
±1250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Total supply voltage
2.85
12.6
V
TA
Operating free-air temperature
–40
25
125
°C
7.4 Thermal Information
THERMAL METRIC(1)
THS4561
UNIT
DGK (VSSOP)
RUN (WQFN)
RGT (VQFN)
8 PINS
10 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
183.1
134.6
55.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
70.3
83.6
64.5
°C/W
RθJB
Junction-to-board thermal resistance
104.9
67.7
30.5
°C/W
ΨJT
Junction-to-top characterization parameter
10.8
7.2
3.5
°C/W
ΨJB
Junction-to-board characterization parameter
103.2
67.5
30.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
15.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
www.ti.com
THS4561
SBOS874D – AUGUST 2017 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com