Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 32 Page - Texas Instruments

Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments THS4521 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
10.1.4 Factors Influencing Harmonic Distortion
As illustrated in the swept frequency harmonic distortion plots (Figure 7-7 and Figure 7-21), the THS4561
provides extremely low distortion at lower frequencies. In general, an FDA output harmonic distortion mainly
relates to the open-loop linearity in the output stage corrected by the loop gain at the fundamental frequency.
When the total load impedance decreases, including the effect of the feedback resistor elements in parallel for
loading purposes, the output stage open-loop linearity degrades, thus increasing the harmonic distortion; see
Figure 7-9 and Figure 7-23. When the output voltage swings increase, very fine scale open-loop output stage
nonlinearities increase that also degrade the harmonic distortion; see Figure 7-8 and Figure 7-22. Conversely,
decreasing the target output voltage swings drops the distortion terms rapidly. Figure 7-8 and Figure 7-22
illustrate the effect of going up to a 10-VPP and 8-VPP differential output, respectively, that is more common with
SAR converters.
Increasing the noise gain functions to decrease the loop gain resulting in the increasing harmonic distortion
terms; see Figure 7-10 and Figure 7-24. One advantage of capacitive compensation that is typical in attenuator
designs is that the noise gain is shaped up with frequency to achieve a crossover at an acceptable phase margin
at higher frequencies. This technique holds the loop gain high at frequencies lower than the noise gain zero,
thus improving distortion at lower frequencies.
The THS4561 does an exceptional job of converting from single-ended inputs to differential outputs with very low
harmonic distortions. External resistors of 1% tolerance are used in characterization with good results.
Unbalancing the feedback divider ratios does not degrade distortion directly. However, imbalanced feedback
ratios convert common-mode inputs to a differential mode at the outputs that can result in increased output
errors.
10.1.5 Input Overdrive Performance
Figure 10-5 and Figure 10-6 show a 2-V and a 2X output overdrive triangular waveform, respectively, for the
THS4561. When the output maximum swing is reached at approximately the supply values, increasing input
voltage beyond this condition turns on the internal protection diodes across the two input pins. The internal
protection diodes are two diodes in series in both polarities. This feature clamps the maximum differential
voltage across the inputs to approximately 1.5 V when the output is limited at the supplies but the input exceeds
the available range. The input resistors on both sides limit the current flow in the internal diodes under these
conditions.
Time, 500 ns per division
-15
-12
-9
-6
-3
0
3
6
9
12
15
D016
Input
Output
VS = 12 V, Single-ended to differential gain of 2, 2-V output
overdrive,
overdrive recovery = 250 ns
Figure 10-5. Overdrive Recovery Performance
Time, 500 ns per division
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
D034
Input
Output
VS = 5 V, Single-ended to differential gain of 2, 2x input
overdrive,
overdrive recovery = 210 ns
Figure 10-6. Overdrive Recovery Performance
THS4561
SBOS874D – AUGUST 2017 – REVISED FEBRUARY 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com