Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 11 Page - Texas Instruments

Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 7Page - Texas Instruments THS4521 Datasheet HTML 8Page - Texas Instruments THS4521 Datasheet HTML 9Page - Texas Instruments THS4521 Datasheet HTML 10Page - Texas Instruments THS4521 Datasheet HTML 11Page - Texas Instruments THS4521 Datasheet HTML 12Page - Texas Instruments THS4521 Datasheet HTML 13Page - Texas Instruments THS4521 Datasheet HTML 14Page - Texas Instruments THS4521 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
7.6 Typical Characteristics: (VS+) – (VS–) = 12 V (continued)
at TA ≈ 25°C, VOCM pin = midsupply, RF = 1.5 kΩ, RL = 1 kΩ, VO = 2 VPP, 50-Ω input match, G = 1 V/V, PD = VS+, single-
ended input (SE-in), differential output (diff-out), and input and output referenced to default midsupply for AC-coupled tests
(unless otherwise noted); see Figure 8-1 for a gain of 1-V/V test circuit.
Time, 15 ns per division
-1.8
-1.4
-1
-0.6
-0.2
0.2
0.6
1
1.4
1.8
D015
SE-in, diff-out
Diff-in, diff-out
VO = 2-V step,
SE-in, diff-out: rising SR = 350 V/µs, falling SR = 200 V/µs,
diff-in, diff-out: rising SR = 285 V/µs, falling SR = 285 V/µs
Figure 7-13. Large-Signal Step Response
Output Current (mA)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
D065
OUT+, TA = 40qC
OUT+, TA = 25qC
OUT+, TA = 85qC
OUT+, TA = 125qC
OUT , TA = 40qC
OUT , TA = 25qC
OUT , TA = 85qC
OUT , TA = 125qC
VS = 12 V, VOCM at midsupply, average of 30 units
Figure 7-14. ±Maximum Output Voltage vs Output Current and
Temperature
www.ti.com
THS4561
SBOS874D – AUGUST 2017 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com