Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 6 Page - Texas Instruments

Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 2Page - Texas Instruments THS4521 Datasheet HTML 3Page - Texas Instruments THS4521 Datasheet HTML 4Page - Texas Instruments THS4521 Datasheet HTML 5Page - Texas Instruments THS4521 Datasheet HTML 6Page - Texas Instruments THS4521 Datasheet HTML 7Page - Texas Instruments THS4521 Datasheet HTML 8Page - Texas Instruments THS4521 Datasheet HTML 9Page - Texas Instruments THS4521 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
7.5 Electrical Characteristics: VS+ – VS– = 5 V to 12 V
at TA ≈ 25°C, VOCM(1) = midsupply, differential output (VO) = VOUT+ – VOUT– = 2 VPP, RF = 1.5 kΩ, RL = 1 kΩ, 50-Ω input
match, differential closed-loop gain (G) = 1 V/V, single-ended input (SE-in), differential output (diff-out), and input and output
referenced to midsupply for AC-coupled tests (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
SSBW
Small-signal bandwidth
VS = 5 V, VO = 200 mVPP, 2-dB peaking
60
MHz
VS = 5 V, VO = 200 mVPP
G = 2 V/V
45
G = 5 V/V
12.5
G = 10 V/V
6.3
GBWP
Gain-bandwidth product
VO = 200 mVPP, G = 20 V/V, RF = 10 kΩ
68
MHz
LSBW
Large-signal bandwidth
VO = 4 VPP
20
MHz
Bandwidth for 0.1-dB flatness
5
MHz
SR
Slew rate (20% – 80%)
VS = 5 V, VO = 2-V step
Rising
325
V/µs
Falling
230
V/µs
Overshoot and undershoot
VO = 2-V step,
input tr = 10 ns
VS = 12 V
5%
VS = 5 V
11%
0.1% settling time
VO = 2-V step, input tr = 10 ns
40
ns
0.01% settling time
VO = 2-V step, input tr = 10 ns
90
ns
Rise and fall time (10% – 90%)
VO = 100-mV step, input tr = 2 ns
5.7
ns
HD2
Second-order harmonic distortion
VS = 5 V, f = 100 kHz
Vo = 2 VPP
–117
dBc
Vo = 8 VPP
–110
HD3
Third-order harmonic distortion
VS = 5 V, f = 100 kHz
Vo = 2 VPP
–124
Vo = 8 VPP
–106
en
Input differential voltage noise
f ≥ 500 Hz
4
nV/√Hz
1/f corner
8
Hz
in
Input current noise, each input
f ≥ 50 kHz
0.35
pA/√Hz
Overdrive recovery time
VS = 5 V, G = 2 V/V,
2x output overdrive, dc-coupled
210
ns
ZOUT
Closed-loop output impedance
f = 100 kHz (differential)
0.06
Ω
DC PERFORMANCE
AOL
Open-loop voltage gain
Vo = ±2 V
104
115
dB
VOS
Input offset voltage
TA = 25°C
–250
±50
250
µV
Input offset voltage drift
TA = 0°C to 85°C,
TA = –40°C to 125°C
–4
±0.5
4
µV/°C
IB+, IB–
Input bias current(3)
TA = 25°C
370
600
nA
Input bias current drift
TA = –40°C to 125°C
4.1
8
nA/°C
IOS
Input offset current(4)
TA = 25°C
–20
±2
20
nA
Input offset current drift
TA = –40°C to 125°C
–200
±40
200
pA/°C
INPUT
VICML
Common-mode input low
TA = –40°C to 125°C, 3-dB AOL
degradation from midsupply VOCM AOL
VS– – 0.1
VS–
V
VICMH
Common-mode input high
3-dB AOL degradation
from midsupply
VOCM AOL
TA = 25°C
VS+ – 1.2
VS+ – 1.1
V
TA = –40°C to
125°C
VS+ – 1.35
VS+ – 1.2
CMRR
Common-mode rejection ratio
Midsupply inputs
95
110
dB
Midsupply inputs, TA = –40°C to 125°C
108
Differential input impedance
Inputs at midsupply
150 || 2.4
kΩ || pF
THS4561
SBOS874D – AUGUST 2017 – REVISED FEBRUARY 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com