Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 27 Page - Texas Instruments

Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 23Page - Texas Instruments THS4521 Datasheet HTML 24Page - Texas Instruments THS4521 Datasheet HTML 25Page - Texas Instruments THS4521 Datasheet HTML 26Page - Texas Instruments THS4521 Datasheet HTML 27Page - Texas Instruments THS4521 Datasheet HTML 28Page - Texas Instruments THS4521 Datasheet HTML 29Page - Texas Instruments THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
9.4.3 Differential Input to a Differential Output Mode
In many ways, this method is a much simpler way to operate the FDA from a design equations perspective.
Again, assuming that the two sides of the circuit are balanced with equal RF and RG elements, the differential
input impedance is now just the sum of the two RG elements to a differential inverting summing junction. In these
designs, the input common-mode voltage at the summing junctions does not move with the signal but must be
dc biased in the design range for the input pins and must take into account the voltage headroom required to
each supply. Slightly different considerations apply to AC-coupled or DC-coupled differential input to differential
output designs, as described in the following sections.
9.4.3.1 AC-Coupled, Differential-Input to Differential-Output Design Issues
The most common way to use the THS4561 with an AC-coupled differential source is to simply couple the input
into the RG resistors through the blocking capacitors. Figure 9-1 shows a typical blocking capacitor approach to
a differential input. An optional input differential termination resistor (RM) is included in this design. The RM
element allows the input RG resistors to be scaled up and still delivers lower differential input impedance to the
source. In this example, the RG elements sum to show a 1-kΩ differential impedance and the RM element
combines in parallel to provide a net 500-Ω ac differential impedance to the source. Again, the design ideally
proceeds by selecting the RF element values, then the RG to set the differential gain, and then an RM element (if
needed) to achieve a target input impedance. Alternatively, the RM element can be eliminated, with the 2 × RG
elements set to the desired input impedance and RF set to obtain the differential gain (equal to RF / RG).
RF1
1.5 k
RL
1 k
RG1
499
RG2
499
THS4561 Wideband,
Fully Differential Amplifier
RF2
1.5 k
Differential I/O
with AC-Coupled
Input
+
±
VS+
+
±
VOCM
VS+
FDA
PD
VS±
VO
10 nF
10 nF
1 µF
VIN
+
±
+
±
5 V
0 V
VS+
VS±
RM
1 k
Figure 9-1. Example AC-Coupled Differential Input Design
The DC biasing for an AC-coupled differential input design is very simple. The output VOCM is set by the VOCM
input control voltage and, because there is no DC current path for the output common-mode voltage (as long as
RM is only differential and not split and connected to ground for instance), the VOCM DC bias also sets the
common-mode operating points for the input pins. For a purely differential input, the voltages on the input pins
remain fixed at the output VOCM setting and do not move with the input signal (unlike the single-ended input
configurations where the input pin common-mode voltages do move with the input signal).
www.ti.com
THS4561
SBOS874D – AUGUST 2017 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com