Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 34 Page - Texas Instruments

Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 34 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 30Page - Texas Instruments THS4521 Datasheet HTML 31Page - Texas Instruments THS4521 Datasheet HTML 32Page - Texas Instruments THS4521 Datasheet HTML 33Page - Texas Instruments THS4521 Datasheet HTML 34Page - Texas Instruments THS4521 Datasheet HTML 35Page - Texas Instruments THS4521 Datasheet HTML 36Page - Texas Instruments THS4521 Datasheet HTML 37Page - Texas Instruments THS4521 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
10.2.3 Application Curves
Figure 10-8 and Figure 10-9 show the gain response and the noise results of the circuit shown in Figure 10-7.
Figure 10-7 shows a place for a differential input capacitor (shown as 100 fF) but is not used for the simulation
results shown in this section. Results in Figure 10-8 illustrate a flat Butterworth filter response at the output
nodes going to the ADC. Obtaining the SNR to the ADC input pins, and assuming an 8-VPP full scale (2.83
VRMS), gives the result of Figure 10-9. The 116-dB SNR and 13-µVRMS total noise shown in Figure 10-9 does not
limit the performance for any SAR application.
Frequency (Hz)
-90
-84
-78
-72
-66
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
10k
100k
1M
10M
D101
Figure 10-8. Gain Plot for a 170-kHz Butterworth
Filter
Frequency (Hz)
115
0
120
2.5
125
5
130
7.5
135
10
140
12.5
145
15
1k
10k
100k
1M
10M
D102
SNR
Total Noise
Figure 10-9. Signal-to-Noise Ratio and Total Noise
Plot
11 Power Supply Recommendations
The THS4561 is principally intended to operate with a nominal single-supply voltage of 3 V to 12 V. Supply
voltage tolerances are supported with the specified operating range of 2.85 V (10% low on a 3-V nominal supply)
and 12.6 V (5% high on a 12-V nominal supply). Supply decoupling is required, as described in Section 8.7. Split
(or bipolar) supplies can be used with the THS4561, as long as the total value across the device remains less
than that specified in Section 7.3.
Using a negative supply to deliver a true swing to ground output when driving SAR ADCs can be desired.
Although the THS4561 quotes a rail-to-rail output, linear operation requires approximately 200-mV headroom to
the supply rails. One easy option for extending the linear output swing to ground is to provide the small negative
supply voltage required using the LM7705 fixed –230-mV, negative-supply generator. This low-cost, fixed,
negative-supply generator can accept a 3-V to 5-V positive supply and provides a fixed –230-mV supply for the
negative power supply. Using the LM7705 provides an effective solution, as discussed in the Extending Rail-to-
Rail Output Range for Fully Differential Amplifiers to Include True Zero Volts reference guide.
THS4561
SBOS874D – AUGUST 2017 – REVISED FEBRUARY 2021
www.ti.com
34
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com