Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 9 Page - Texas Instruments

Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 5Page - Texas Instruments THS4521 Datasheet HTML 6Page - Texas Instruments THS4521 Datasheet HTML 7Page - Texas Instruments THS4521 Datasheet HTML 8Page - Texas Instruments THS4521 Datasheet HTML 9Page - Texas Instruments THS4521 Datasheet HTML 10Page - Texas Instruments THS4521 Datasheet HTML 11Page - Texas Instruments THS4521 Datasheet HTML 12Page - Texas Instruments THS4521 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
7.6 Typical Characteristics: (VS+) – (VS–) = 12 V
at TA ≈ 25°C, VOCM pin = midsupply, RF = 1.5 kΩ, RL = 1 kΩ, VO = 2 VPP, 50-Ω input match, G = 1 V/V, PD = VS+, single-
ended input (SE-in), differential output (diff-out), and input and output referenced to default midsupply for AC-coupled tests
(unless otherwise noted); see Figure 8-1 for a gain of 1-V/V test circuit.
Frequency (Hz)
-12
-9
-6
-3
0
3
100k
1M
10M
100M
D001
G = 0.5 V/V
G = 1 V/V
G = 2 V/V
G = 5 V/V
G = 10 V/V
VO = 200 mVPP, see Figure 8-1 and Table 10-1 for resistor
values
Figure 7-1. Small-Signal Frequency Response vs Gain
Frequency (Hz)
-12
-9
-6
-3
0
3
100k
1M
10M
100M
D002
VO = 0.2 VPP
VO = 2 VPP
VO = 4 VPP
VO = 8 VPP
VO = 10 VPP
See Figure 8-1
Figure 7-2. Frequency Response vs VO
Frequency (Hz)
-12
-9
-6
-3
0
3
100k
1M
10M
100M
D003
VOCM = 1 V
VOCM = 3 V
VOCM = 6 V
VOCM = 7.5 V
VOCM = 9 V
VO = 200 mVPP , see Figure 8-1 with VOCM adjusted
Figure 7-3. Small-Signal Frequency Response vs VOCM
Frequency (Hz)
-12
-9
-6
-3
0
3
100k
1M
10M
100M
D004
RL = 150 :
RL = 500 :
RL = 1 k:
RL = 2 k:
RL = 10 k:
VO = 200 mVPP, see Figure 8-1 with load resistance (RL)
adjusted
Figure 7-4. Small-Signal Frequency Response vs RL
Frequency (Hz)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
100k
1M
10M
D072
G = 0.5 V/V
G = 1 V/V
G = 2 V/V
G = 5 V/V
G = 10 V/V
VO = 200 mVPP
Figure 7-5. Gain Flatness vs Frequency
Frequency (Hz)
1
0.1
10
1
100
10
1
10
100
1k
10k
100k
D050
en
in
1/f corners: en = 8 Hz, in = 700 Hz
Figure 7-6. Input Noise Density vs Frequency
www.ti.com
THS4561
SBOS874D – AUGUST 2017 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com