Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 50 Page - Texas Instruments

Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 50 Page - Texas Instruments

Back Button THS4521 Datasheet HTML 45Page - Texas Instruments THS4521 Datasheet HTML 46Page - Texas Instruments THS4521 Datasheet HTML 47Page - Texas Instruments THS4521 Datasheet HTML 48Page - Texas Instruments THS4521 Datasheet HTML 49Page - Texas Instruments THS4521 Datasheet HTML 50Page - Texas Instruments THS4521 Datasheet HTML 51Page - Texas Instruments THS4521 Datasheet HTML 52Page - Texas Instruments THS4521 Datasheet HTML 53Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 50 / 53 page
background image
www.ti.com
PACKAGE OUTLINE
2.1
1.9
2.1
1.9
0.8
0.7
0.05
0.00
2X 1.5
6X 0.5
10X
0.6
0.4
10X
0.3
0.2
(0.2) TYP
WQFN - 0.8 mm max height
RUN0010A
PLASTIC QUAD FLATPACK - NO LEAD
4220470/A 05/2020
0.08 C
0.1
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
SYMM
SYMM
1
4
5
6
9
10
SCALE 5.000
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com