Electronic Components Datasheet Search
  English  ▼

X  

THS4521 Datasheet(PDF) 3 Page - Texas Instruments

Part # THS4521
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4521 Datasheet(HTML) 3 Page - Texas Instruments

  THS4521 Datasheet HTML 1Page - Texas Instruments THS4521 Datasheet HTML 2Page - Texas Instruments THS4521 Datasheet HTML 3Page - Texas Instruments THS4521 Datasheet HTML 4Page - Texas Instruments THS4521 Datasheet HTML 5Page - Texas Instruments THS4521 Datasheet HTML 6Page - Texas Instruments THS4521 Datasheet HTML 7Page - Texas Instruments THS4521 Datasheet HTML 8Page - Texas Instruments THS4521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
5 Device Comparison Table
DEVICE
BW, G = 1 (MHz)
IQ, 5 V
(mA)
INPUT NOISE
(nV/√ Hz)
THD (dBc) 2 VPP
AT 10 kHz
RAIL-TO-RAIL
DUAL VERSIONS
THS4561
60
0.78
4
–130
Negative in and
out
—
THS4551
150
1.37
3.3
–138
Negative in and
out
THS4552
THS4521
145
1.14
5.6
–120
Negative in and
out
THS4522
THS4531A
36
0.25
10
–118
Negative in and
out
THS4532
THS4541
620
10.1
2.2
–140
Negative in and
out
—
www.ti.com
THS4561
SBOS874D – AUGUST 2017 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com