Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGP Datasheet(PDF) 25 Page - Texas Instruments

Part # CC113LRGP
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGP Datasheet(HTML) 25 Page - Texas Instruments

Back Button CC113LRGP Datasheet HTML 21Page - Texas Instruments CC113LRGP Datasheet HTML 22Page - Texas Instruments CC113LRGP Datasheet HTML 23Page - Texas Instruments CC113LRGP Datasheet HTML 24Page - Texas Instruments CC113LRGP Datasheet HTML 25Page - Texas Instruments CC113LRGP Datasheet HTML 26Page - Texas Instruments CC113LRGP Datasheet HTML 27Page - Texas Instruments CC113LRGP Datasheet HTML 28Page - Texas Instruments CC113LRGP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 87 page
background image
XOSC
channel
CHANBW _ E
ƒ
BW
8 (4
CHANBW _ M) 2
=
×
+
×
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
5.8
Receiver Channel Filter Bandwidth
In order to meet different channel width requirements, the receiver channel filter is programmable. The
MDMCFG4.CHANBW_E and MDMCFG4.CHANBW_M configuration registers control the receiver channel
filter bandwidth, which scales with the crystal oscillator frequency.
The following formula gives the relation between the register settings and the channel filter bandwidth:
(4)
Table 5-4 lists the channel filter bandwidths supported by the CC113L.
Table 5-4. Channel Filter Bandwidths [kHz] (Assuming a 26-MHz Crystal)
MDMCFG4.CHANBW_E
MDMCFG4.CHAN
BW_M
00
01
10
11
00
812
406
203
102
01
650
325
162
81
10
541
270
135
68
11
464
232
116
58
For best performance, the channel filter bandwidth should be selected so that the signal bandwidth
occupies at most 80% of the channel filter bandwidth. The channel center tolerance due to crystal
inaccuracy should also be subtracted from the channel filter bandwidth. The following example illustrates
this:
With the channel filter bandwidth set to 500 kHz, the signal should stay within 80% of 500 kHz, which is
400 kHz. Assuming 915 MHz frequency and ±20 ppm frequency uncertainty for both the transmitting
device and the receiving device, the total frequency uncertainty is ±40 ppm of 915 MHz, which is ±37 kHz.
If the whole transmitted signal bandwidth is to be received within 400 kHz, the transmitted signal
bandwidth should be maximum 400 kHz – 2×37 kHz, which is 326 kHz. By compensating for a frequency
offset between the transmitter and the receiver, the filter bandwidth can be reduced and the sensitivity can
be improved, see more in DN005 SWRA122 and in Section 5.9.1.
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
25
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com