Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGP Datasheet(PDF) 70 Page - Texas Instruments

Part # CC113LRGP
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGP Datasheet(HTML) 70 Page - Texas Instruments

Back Button CC113LRGP Datasheet HTML 66Page - Texas Instruments CC113LRGP Datasheet HTML 67Page - Texas Instruments CC113LRGP Datasheet HTML 68Page - Texas Instruments CC113LRGP Datasheet HTML 69Page - Texas Instruments CC113LRGP Datasheet HTML 70Page - Texas Instruments CC113LRGP Datasheet HTML 71Page - Texas Instruments CC113LRGP Datasheet HTML 72Page - Texas Instruments CC113LRGP Datasheet HTML 73Page - Texas Instruments CC113LRGP Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 87 page
background image
Antenna
(50
)
W
1.8 V - 3.6 V
Power Supply
1 SCLK
2 SO
(GDO1)
3 GDO2
4 DVDD
5 DCOUPL
AVDD 15
AVDD 14
RF_N 13
RF_P 12
AVDD 11
XTAL
C126
R171
C81
C101
C51
CSn
GDO0 (optional)
GDO2 (optional)
SCLK
SI
DIE ATTACH PAD:
C131
C122
L122
L132
C124
SO (GDO1)
CC113L
CC113L
SWRS108B – MAY 2011 – REVISED JUNE 2014
www.ti.com
6
Applications, Implementation, and Layout
Figure 5-1 shows the low cost CC113LEM application circuit (see SWRR083 and SWRR084) (see
Table 6-1 for component values).
The designs in SWRR046 and SWRR045 were used for CC113L characterization. The application circuits
are shown in Figure 6-2 and Figure 6-3 (see Table 6-1 for component values).
6.1
Bias Resistor
The 56-k
Ω bias resistor R171 is used to set an accurate bias current.
6.2
Balun and RF Matching
The balun component values and their placement are important to keep the performance optimized.
Gerber files and schematics for the reference designs are available for download from the TI website.
6.2.1
Balun and RF Matching (Low-Cost Application Circuit)
The components between the RF_N/RF_P pins and the point where the two signals are joined together
(C131, C122, L122, and L132, see Figure 6-1) form a balun that converts singleended RF signal at the
antenna to a differential RF signal on CC113L. C124 is needed for DC blocking.
The balun components also matches the CC113L input impedance to a 50-
Ω source. C126 provides DC
blocking and is only needed if there is a DC path in the antenna.
Figure 6-1. Low Cost Application Circuit and Evaluation Circuit 315, 433, 868, or 915 MHz (Excluding
Supply Decoupling Capacitors)
70
Applications, Implementation, and Layout
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com