Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGP Datasheet(PDF) 84 Page - Texas Instruments

Part # CC113LRGP
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGP Datasheet(HTML) 84 Page - Texas Instruments

Back Button CC113LRGP Datasheet HTML 79Page - Texas Instruments CC113LRGP Datasheet HTML 80Page - Texas Instruments CC113LRGP Datasheet HTML 81Page - Texas Instruments CC113LRGP Datasheet HTML 82Page - Texas Instruments CC113LRGP Datasheet HTML 83Page - Texas Instruments CC113LRGP Datasheet HTML 84Page - Texas Instruments CC113LRGP Datasheet HTML 85Page - Texas Instruments CC113LRGP Datasheet HTML 86Page - Texas Instruments CC113LRGP Datasheet HTML 87Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 84 / 87 page
background image
www.ti.com
PACKAGE OUTLINE
C
4.1
3.9
4.1
3.9
1.0
0.8
0.05
0.00
2X 2
16X 0.5
2X 2
20X
0.45
0.25
2.4 0.1
20X
0.29
0.19
(0.2) TYP
VQFN - 1 mm max height
RGP0020C
PLASTIC QUAD FLATPACK - NO LEAD
4219027/A 03/2025
0.08 C
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
(45 X 0.3)
SYMM
EXPOSED
THERMAL PAD
SYMM
1
5
6
10
11
15
16
20
21
0.1
C A B
0.05
C
SCALE 3.500
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com