Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGP Datasheet(PDF) 11 Page - Texas Instruments

Part # CC113LRGP
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGP Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC113LRGP Datasheet HTML 7Page - Texas Instruments CC113LRGP Datasheet HTML 8Page - Texas Instruments CC113LRGP Datasheet HTML 9Page - Texas Instruments CC113LRGP Datasheet HTML 10Page - Texas Instruments CC113LRGP Datasheet HTML 11Page - Texas Instruments CC113LRGP Datasheet HTML 12Page - Texas Instruments CC113LRGP Datasheet HTML 13Page - Texas Instruments CC113LRGP Datasheet HTML 14Page - Texas Instruments CC113LRGP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
4.6.1
Typical Sensitivity over Temperature and Supply Voltage, 868 MHz, Sensitivity
Optimized Setting
Supply Voltage
Supply Voltage
Supply Voltage
VDD = 1.8 V
VDD = 3.0 V
VDD = 3.6 V
Temperature [°C]
–40
25
85
–40
25
85
–40
25
85
Sensitivity [dBm] 1.2 kBaud
–113
–112
–110
–113
–112
–110
–113
–112
–110
Sensitivity [dBm] 38.4 kBaud
–105
–104
–102
–105
–104
–102
–105
–104
–102
Sensitivity [dBm] 250 kBaud
–97
–96
–92
–97
–95
–92
–97
–94
–92
Sensitivity [dBm] 500 kBaud
–91
–90
–86
–91
–90
–86
–91
–90
–86
4.6.2
Typical Sensitivity over Temperature and Supply Voltage, 915 MHz, Sensitivity
Optimized Setting
Supply Voltage
Supply Voltage
Supply Voltage
VDD = 1.8 V
VDD = 3.0 V
VDD = 3.6 V
Temperature [°C]
–40
25
85
–40
25
85
–40
25
85
Sensitivity [dBm] 1.2 kBaud
–113
–112
–110
–113
–112
–110
–113
–112
–110
Sensitivity [dBm] 38.4 kBaud
–105
–104
–102
–104
–104
–102
–105
–104
–102
Sensitivity [dBm] 250 kBaud
–97
–94
–92
–97
–95
–92
–97
–95
–92
Sensitivity [dBm] 500 kBaud
–91
–89
–86
–91
–90
–86
–91
–89
–86
4.6.3
Blocking and Selectivity
See Section 4.12.2.
4.7
Crystal Oscillator
TA = 25°C, VDD = 3.0 V if nothing else is stated. All measurement results obtained using SWRR046 and SWRR045.
Parameter
Min
Typ
Max
Unit
Condition
For compliance with modulation bandwidth requirements under
EN 300 220 V2.3.1 in the 863 to 870 MHz frequency range it is
Crystal frequency
26
26
27
MHz
recommended to use a 26-MHz crystal for frequencies below
869 MHz and a 27 MHz crystal for frequencies above 869 MHz.
This is the total tolerance including a) initial tolerance, b) crystal
loading, c) aging, and d) temperature dependence. The
Tolerance
±40
ppm
acceptable crystal tolerance depends on RF frequency and
channel spacing / bandwidth.
Load capacitance
10
13
20
pF
Simulated over operating conditions
ESR
100
Ω
This parameter is to a large degree crystal dependent.
Start-up time
150
µs
Measured on SWRR046 and SWRR045 using crystal AT-41CD2
from NDK
Copyright © 2011–2014, Texas Instruments Incorporated
Specifications
11
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com