Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGP Datasheet(PDF) 47 Page - Texas Instruments

Part # CC113LRGP
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGP Datasheet(HTML) 47 Page - Texas Instruments

Back Button CC113LRGP Datasheet HTML 43Page - Texas Instruments CC113LRGP Datasheet HTML 44Page - Texas Instruments CC113LRGP Datasheet HTML 45Page - Texas Instruments CC113LRGP Datasheet HTML 46Page - Texas Instruments CC113LRGP Datasheet HTML 47Page - Texas Instruments CC113LRGP Datasheet HTML 48Page - Texas Instruments CC113LRGP Datasheet HTML 49Page - Texas Instruments CC113LRGP Datasheet HTML 50Page - Texas Instruments CC113LRGP Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 87 page
background image
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
5.19 Asynchronous and Synchronous Serial Operation
Several features and modes of operation have been included in the CC113L to provide backward
compatibility with previous Chipcon products and other existing RF communication systems. For new
systems, it is recommended to use the built-in packet handling features, as they can give more robust
communication, significantly offload the microcontroller, and simplify software development.
5.19.1 Asynchronous Serial Operation
Asynchronous transfer is included in the CC113L for backward compatibility with systems that are already
using the asynchronous data transfer.
When asynchronous transfer is enabled, all packet handling support is disabled and it is not possible to
use Manchester encoding.
Asynchronous serial mode is enabled by setting PKTCTRL0.PKT_FORMAT to 3. Data output can be on
GDO0, GDO1, or GDO2. This is set by the IOCFG0.GDO0_CFG, IOCFG1.GDO1_CFG and
IOCFG2.GDO2_CFG fields.
In asynchronous serial mode no data decision is done on-chip and the raw data is put on the data output
line. When using asynchronous serial mode make sure the interfacing MCU does proper oversampling
and that it can handle the jitter on the data output line. The MCU should tolerate a jitter of ±1/8 of a bit
period as the data stream is time-discrete using 8 samples per bit.
In asynchronous serial mode there will be glitches of 37 - 38.5 ns duration (1/XOSC) occurring
infrequently and with random periods. A simple RC filter can be added to the data output line between
CC113L and the MCU to get rid of the 37 - 38.5 ns glitches if considered a problem. The filter 3 dB cut-off
frequency needs to be high enough so that the data is not filtered and at the same time low enough to
remove the glitch. As an example, for 2.4 kBaud data rate a 1 k
Ω resistor and 2.7 nF capacitor can be
used. This gives a 3 dB cut-off frequency of 59 kHz.
5.19.2 Synchronous Serial Operation
Setting PKTCTRL0.PKT_FORMAT to 1 enables synchronous serial mode. When using this mode, sync
detection should be disabled together with CRC calculation ( MDMCFG2.SYNC_MODE=000 and
PKTCTRL0.CRC_EN=0).
Infinite
packet
length
mode
should
be
used
(
PKTCTRL0.LENGTH_CONFIG=10b).
In synchronous serial mode, data is transferred on a two-wire serial interface. The CC113L provides a
clock that is used to sample data on the data output line. The data output pin can be any of the GDO pins.
This is set by the IOCFG0.GDO0_CFG, IOCFG1.GDO1_CFG, and IOCFG2.GDO2_CFG fields. The RX
latency is 9 bits.
The MCU must handle preamble and sync word detection in software, together with CRC calculation.
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
47
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com