Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGP Datasheet(PDF) 85 Page - Texas Instruments

Part # CC113LRGP
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGP Datasheet(HTML) 85 Page - Texas Instruments

Back Button CC113LRGP Datasheet HTML 79Page - Texas Instruments CC113LRGP Datasheet HTML 80Page - Texas Instruments CC113LRGP Datasheet HTML 81Page - Texas Instruments CC113LRGP Datasheet HTML 82Page - Texas Instruments CC113LRGP Datasheet HTML 83Page - Texas Instruments CC113LRGP Datasheet HTML 84Page - Texas Instruments CC113LRGP Datasheet HTML 85Page - Texas Instruments CC113LRGP Datasheet HTML 86Page - Texas Instruments CC113LRGP Datasheet HTML 87Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 85 / 87 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
16X (0.5)
(0.95)
(0.95)
(R0.05) TYP
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
20X (0.55)
20X (0.24)
(3.85)
(3.85)
(
2.4)
(
0.2) TYP
VIA
VQFN - 1 mm max height
RGP0020C
PLASTIC QUAD FLATPACK - NO LEAD
4219027/A 03/2025
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
5. Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SYMM
SYMM
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 20X
SEE SOLDER MASK
DETAIL
1
5
6
10
11
15
16
20
21
METAL EDGE
SOLDER MASK
OPENING
EXPOSED METAL
METAL UNDER
SOLDER MASK
SOLDER MASK
OPENING
EXPOSED
METAL
NON SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DEFINED
SOLDER MASK DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com