Electronic Components Datasheet Search
  English  ▼

X  

CC113LRGP Datasheet(PDF) 43 Page - Texas Instruments

Part # CC113LRGP
Description  CC113L Value Line Receiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC113LRGP Datasheet(HTML) 43 Page - Texas Instruments

Back Button CC113LRGP Datasheet HTML 39Page - Texas Instruments CC113LRGP Datasheet HTML 40Page - Texas Instruments CC113LRGP Datasheet HTML 41Page - Texas Instruments CC113LRGP Datasheet HTML 42Page - Texas Instruments CC113LRGP Datasheet HTML 43Page - Texas Instruments CC113LRGP Datasheet HTML 44Page - Texas Instruments CC113LRGP Datasheet HTML 45Page - Texas Instruments CC113LRGP Datasheet HTML 46Page - Texas Instruments CC113LRGP Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 87 page
background image
XOSC
IF
10
ƒ
ƒ
FREQ _ IF
2
=
×
CHANSPC _ E 2
XOSC
carrier
16
ƒ
ƒ
(FREQ
CHAN ((256
CHANSPC _ M) 2
))
2
-
=
×
+
×
+
×
CC113L
www.ti.com
SWRS108B – MAY 2011 – REVISED JUNE 2014
5.15 Frequency Programming
The frequency programming in CC113L is designed to minimize the programming needed when changing
frequency.
To set up a system with channel numbers, the desired channel spacing is programmed with the
MDMCFG0.CHANSPC_M and MDMCFG1.CHANSPC_E registers. The channel spacing registers are
mantissa and exponent respectively. The base or start frequency is set by the 24 bit frequency word
located in the FREQ2, FREQ1, and FREQ0 registers. This word will typically be set to the center of the
lowest channel frequency that is to be used.
The desired channel number is programmed with the 8-bit channel number register, CHANNR.CHAN,
which is multiplied by the channel offset. The resultant carrier frequency is given by:
(7)
With a 26 MHz crystal the maximum channel spacing is 405 kHz. To get that is, 1-MHz channel spacing,
one solution is to use 333 kHz channel spacing and select each third channel in CHANNR.CHAN.
The preferred IF frequency is programmed with the FSCTRL1.FREQ_IF register. The IF frequency is
given by:
(8)
If any frequency programming register is altered when the frequency synthesizer is running, the
synthesizer may give an undesired response. Hence, the frequency should only be updated when the
radio is in the IDLE state.
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
43
Submit Documentation Feedback
Product Folder Links: CC113L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com